Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA280-25 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. AA280-25
Description  GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA280-25 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AA280-25 Datasheet HTML 1Page - Skyworks Solutions Inc. AA280-25 Datasheet HTML 2Page - Skyworks Solutions Inc. AA280-25 Datasheet HTML 3Page - Skyworks Solutions Inc. AA280-25 Datasheet HTML 4Page - Skyworks Solutions Inc. AA280-25 Datasheet HTML 5Page - Skyworks Solutions Inc. AA280-25 Datasheet HTML 6Page - Skyworks Solutions Inc. AA280-25 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200216 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2006
1
AA280-25, AA280-25LF: GaAs IC 5-Bit Digital Attenuator
0.5 dB LSB 300 kHz–2 GHz
DATA SHEET
Features
Attenuation 0.5 dB steps to 15.5 dB with high accuracy
Low DC power consumption
Low-cost SOIC-16 plastic package
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The AA280-25 is a 5-bit, GaAs IC FET digital attenuator in a low-
cost SOIC-16 package. This attenuator has an LSB of 0.5 dB and
a total attenuation of 15.5 dB. The AA280-25 is particularly suited
where high attenuation accuracy, low insertion loss and low
intermodulation products are required. Typical applications
include cellular radio, wireless data, wireless local loop and other
gain level control circuits.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
V8
V7
V6
V5
V4
V3
V2
V1
J1
GND
GND
GND
GND
GND
GND
J2
12
3
4
5
6
7
8
16
15
14
13
12
11
10
9
8 dB
4 dB
2 dB
1 dB
0.5 dB
Pin Out


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn