Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA280-25 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part No. AA280-25
Description  GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA280-25 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATA SHEET • AA280-25, AA280-25LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200216 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2006
5
Frequency (GHz)
Insertion Loss vs. Frequency
0
0.5
1.0
1.5
2.0
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
25 °C
85 °C
-40 °C
VSWR vs. Frequency (25 ˚C)
Frequency (GHz)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (GHz)
Attenuation Accuracy vs. Frequency (25 ˚C)
0
0.5
1.0
1.5
2.0
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (GHz)
Attenuation Accuracy vs. Frequency (85 ˚C)
0
0.5
1.0
1.5
2.0
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (25 ˚C)
0
0.5
1.0
1.5
2.0
-5
0
5
10
15
20
25
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (GHz)
Attenuation Accuracy vs. Frequency (-40 ˚C)
0
0.5
1.0
1.5
2.0
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Typical Performance Data (0, -3 V)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn