Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA280-25 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. AA280-25
Description  GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA280-25 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET • AA280-25, AA280-25LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200216 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2006
3
Frequency (GHz)
Insertion Loss vs. Frequency
0
0.5
1.0
1.5
2.0
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
25 °C
85 °C
-40 °C
Attenuation (dB)
IP3 vs. Attenuation and Temperature
46
48
50
52
54
56
58
012 3 456 789 10 11 12 13 14 15
25 °C
85 °C
-40 °C
Frequency (GHz)
VSWR vs. Frequency (25 ˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (GHz)
VSWR vs. Frequency (85 ˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (GHz)
VSWR vs. Frequency (-40 ˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Typical Performance Data (0, -5 V)
Compression Point vs. Attenuation,
Voltage, and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V)
25 °C (dBm)
85 °C (dBm)
-40 °C (dBm)
Ins. loss
-5
28.3
28.1
29.1
0.5 dB
-5
28.5
28.3
29.4
1 dB
-5
28.7
28.7
29.6
2 dB
-5
28.4
28.3
29.1
4 dB
-5
32.9
32.9
33.9
8 dB
-5
36.8
36.8
36.8
15.5 dB
-5
32.7
32.1
32.8


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn