Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA264-87 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part No. AA264-87
Description  GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA264-87 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
December 1, 2005 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200214 Rev. A
DATA SHEET • AA264-87, AA264-87LF
2
Parameter(1)
Condition
Frequency
Min.
Typ.
Max.
Unit
Insertion loss
0.5–1.0 GHz
1.6
2.0
dB
0.5–2.0 GHz
1.8
2.4
dB
Attenuation range
30
dB
Attenuation accuracy(2 )
0.5–1.0 GHz
± (0.2 + 3% of attenuation
setting in dB)
dB
0.5–2.0 GHz
± (0.3 + 5% of 2–24 dB setting)
dB
0.5–2.0 GHz
± (0.3 + 6% of 26–30 dB setting)
dB
VSWR (I/O)(3)
0.5–0.8 GHz
1.8:1
2.2:1
0.8–2.0 GHz
1.5:1
2.0:1
Switching characteristics
Rise, fall
10/90% or 90/10% RF
150
ns
On, off
50% CTL to 90/10% RF
300
ns
Video feedthru
TRISE = 1 ns, BW = 500 MHz
70
mV
Input power for 1 dB compression
VS = 3 V
0.5–2.0 GHz
15
21
dBm
VS = 5 V
0.5–2.0 GHz
21
27
dBm
Intermodulation intercept point (IP3)
For two-tone input power 5 dBm
VS = 3 V
0.5–2.0 GHz
36
44
dBm
VS = 5 V
0.5–2.0 GHz
37
45
dBm
Control coltages
VLOW = 0 to 0.2 V @ 20 µA max.
VHIGH = 3 V @ 100 µA max. to 5 V @ 200 µA max.
VS = VHIGH ± 0.2 V
Electrical Specifications at -40 °C to +85 °C (0, 5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Attenuation referenced to insertion loss.
3. Input/output.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn