Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA264-87 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part No. AA264-87
Description  GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA264-87 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATA SHEET • AA264-87, AA264-87LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200214 Rev. A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • December 1, 2005
5
Frequency (GHz)
Insertion Loss vs. Frequency
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
25 °C
85 °C
-40 °C
VSWR vs. Frequency (25 ˚C)
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Ins. Loss
2 dB
4 dB
8 dB
16 dB
30 dB
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
Attenuation Accuracy vs. Frequency (25 ˚C)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
2 dB
4 dB
8 dB
16 dB
30 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency (85 ˚C)
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
2 dB
4 dB
8 dB
16 dB
30 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (25 ˚C)
-10
0
10
20
30
40
50
60
70
80
90
2 dB
4 dB
6 dB
8 dB
30 dB
Frequency (GHz)
Attenuation Accuracy vs. Frequency (-40 ˚C)
0
0.5
1.0
1.5
2.0
2.5
3.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
2 dB
4 dB
8 dB
16 dB
30 dB
Typical Performance Data (0, 3 V)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn