Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA260-85 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part No. AA260-85
Description  GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA260-85 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
November 1, 2005 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200213 Rev. B
DATA SHEET • AA260-85, AA260-85LF
2
Parameter(1)
Condition
Frequency
Min.
Typ.
Max.
Unit
Insertion loss
300 kHz–0.5 GHz
1.4
1.7
dB
300 kHz–1.0 GHz
1.6
2.0
dB
300 kHz–2.0 GHz
2.0
2.3
dB
Attenuation range
31
dB
Attenuation accuracy(2)
300 kHz–1.0 GHz
± (0.2 + 3% of
attenuation setting in dB)
dB
300 kHz–1.8 GHz
± (0.4 + 5% of
attenuation setting in dB)
dB
300 kHz–2.0 GHz
± (0.5 + 6% of
attenuation setting in dB)
dB
VSWR (I/O)
300 kHz–2.0 GHz
1.4:1
1.7:1
Switching characteristics
Rise, fall
10/90% or 90%/10% RF
15
ns
On, off
50% CTL to 90%/10% RF
25
ns
Video feedthru
TRISE = 1 ns, BW = 500 MHz
25
mV
Input power for 1 dB compression
VHIGH = -5 V
0.5–2.0 GHz
25
29
dBm
0.05 GHz
18
22
dBm
Intermodulation intercept point (IP3)
For two-tone input power 5 dBm
0.5–2.0 GHz
42
48
dBm
VHIGH = -5 V
0.05 GHz
30
36
dBm
Thermal resistance
85
°C/W
Control voltages
VLOW = 0 to 0.2 V @ 20 µA max.
VHIGH = -5 V @ 300 µA max.
Electrical Specifications at -40 °C to +85 °C (0, -5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Attenuation referenced to insertion loss.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn