Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA260-85 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. AA260-85
Description  GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA260-85 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200213 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • November 1, 2005
1
AA260-85, AA260-85LF: GaAs IC 5-Bit Digital Attenuator
1 dB LSB 300 kHz–2 GHz
DATA SHEET
Features
Attenuation 1 dB steps to 31 dB with high accuracy
Low DC power consumption
Low-cost SSOP-20 plastic package
Available lead (Pb)-free and RoHS-compliant MSL-2 @ 250 °C
per JEDEC J-STD-020
Description
The AA260-85 is a 5-bit, GaAs IC FET digital attenuator in a low-
cost SSOP-20 package. This attenuator has an LSB of 1 dB and a
total attenuation of 31 dB. The AA260-85 is particularly suited
where high attenuation accuracy, low insertion loss and low
intermodulation products are required. Typical applications
include cellular radio, wireless data, wireless local loop and other
gain level control circuits.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
V9
V8
V7
V6
V5
V4
V3
V2
N/C
V1
J1
J2
GND
GND
GND
GND
GND
GND
GND
GND
16 dB
8 dB
4 dB
2 dB
1 dB
Pin Out


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn