Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA260-85 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part No. AA260-85
Description  GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA260-85 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
November 1, 2005 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200213 Rev. B
DATA SHEET • AA260-85, AA260-85LF
6
Truth Table
Characteristic
Value
RF input power
2 W > 500 MHz 0/-8 V
0.5 W > 50 MHz 0/-8 V
Control voltage
+0.2 V, -8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
V1
V2
V3
V4
V5
V6
V7
V8
V9
1 dB
2 dB
4 dB
8 dB
16 dB
Bit
Bit
Bit
Bit
Bit
-5
-5
0
-5
0
-5
0
-5
0
Reference I.L.
0
-5
0
-5
0
-5
0
-5
0
1 dB
-5
0
-5
-5
0
-5
0
-5
0
2 dB
-5
-5
0
0
-5
-5
0
-5
0
4 dB
-5
-5
0
-5
0
0
-5
-5
0
8 dB
-5
-5
0
-5
0
-5
0
0
-5
16 dB
0
0
-5
0
-5
0
-5
0
-5
31 dB max. atten.
Attenuation
J1-J2
Attenuation (dB)
IP3 vs. Attenuation and
Temperature (500 MHz)
44
46
48
50
52
54
56
58
60
0 2
4 6 8 10 12 1416 18 20 2224 26 28 30
25 °C
85 °C
-40 °C
Compression Point vs. Attenuation,
Voltage, and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V)
25 °C (dBm)
85 °C (dBm)
-40 °C (dBm)
Ins. Loss
-3
24.8
24.7
24.7
1 dB
-3
26.2
25.9
25.7
2 dB
-3
24.7
24.5
24.6
4 dB
-3
29.3
28.7
29
8 dB
-3
32.3
31.7
32.3
16 dB
-3
21.6
21.2
21.7
31 dB
-3
24.5
24.4
24.9
Frequency = 0.5–2.0 GHz.
SSOP-20
0.012
(0.30 mm)
Ref.
0.0256
(0.65 mm)
BSC
0.069
(1.75 mm)
± 0.004
(0.10 mm)
0.008 (0.20 mm) Max.
0.002 (0.05 mm) Min.
0.010 (0.25 mm)
0.004 (0.090 mm)
8˚ Max.
0.030 (0.75 mm)
± 0.008 (0.10 mm)
0.078
(2.00 mm)
Max.
0.283 (7.20 mm)
± 0.012 (0.30 mm)
Pin 20
Pin 1
0.209 (5.30 mm)
± 0.012 (0.30 mm)
0.307 (7.80 mm)
± 0.016 (0.307 mm)
Pin 1
Indicator
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn