Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA260-85 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. AA260-85
Description  GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA260-85 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET • AA260-85, AA260-85LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200213 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • November 1, 2005
3
Frequency (GHz)
Insertion Loss vs. Frequency
0
0.5
1.0
1.5
2.0
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
25 °C
85 °C
-40 °C
Attenuation (dB)
IP3 vs. Attenuation and
Temperature (500 MHz)
44
46
48
50
52
54
56
58
60
25 °C
85 °C
-40 °C
0 2
4 6 8 10 1214 16 182022 24 26 28 30
Frequency (GHz)
VSWR vs. Frequency (25 ˚C)
1.00
1.25
1.50
1.75
2.00
0
0.5
1.0
1.5
2.0
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
VSWR vs. Frequency (85 ˚C)
1.00
1.25
1.50
1.75
2.00
0
0.5
1.0
1.5
2.0
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
VSWR vs. Frequency (-40 ˚C)
1.00
1.25
1.50
1.75
2.00
0
0.5
1.0
1.5
2.0
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Typical Performance Data (0, -5 V)
Compression Point vs. Attenuation,
Voltage, and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V)
25 °C (dBm)
85 °C (dBm)
-40 °C (dBm)
Ins. loss
-5
29.6
29.4
29.9
1 dB
-5
30.1
29.8
30.5
2 dB
-5
29.5
29.4
29.6
4 dB
-5
34
32.7
32.9
8 dB
-5
29.5
29.3
29.8
16 dB
-5
28.6
28.6
28.3
31 dB
-5
32.1
31.6
31.3
Frequency = 0.5–2 GHz.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn