Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA117-85 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AA117-85
Description  GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control LF-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA117-85 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AA117-85 Datasheet HTML 1Page - Skyworks Solutions Inc. AA117-85 Datasheet HTML 2Page - Skyworks Solutions Inc. AA117-85 Datasheet HTML 3Page - Skyworks Solutions Inc. AA117-85 Datasheet HTML 4Page - Skyworks Solutions Inc. AA117-85 Datasheet HTML 5Page - Skyworks Solutions Inc. AA117-85 Datasheet HTML 6Page - Skyworks Solutions Inc. AA117-85 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET • AA117-85, AA117-85LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200210 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 30, 2007
3
Frequency (GHz)
Insertion Loss vs. Frequency
0
0.5
1.0
1.5
2.0
-2.5
-2.3
-2.1
-1.9
-1.7
-1.5
-1.3
-1.1
-0.9
-0.7
-0.5
25 °C
85 °C
-40 °C
Atenuation (dB)
IP3 vs. Attenuation and Temperature,
Main Bits (50 MHz) VCC = 5 V
0
6
12
18
2
8
14
20
4
10
16
22 24 26 28 30
28
30
32
34
36
38
40
25 °C
85 °C
-40 °C
Frequency (GHz)
VSWR vs. Frequency (25 ˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
VSWR vs. Frequency (85 ˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
VSWR vs. Frequency (-40 ˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Typical Performance Data (VCC = 5 V)


Similar Part No. - AA117-85

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA117-85 SKYWORKS-AA117-85 Datasheet
947Kb / 6P
   GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
More results

Similar Description - AA117-85

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA117-85 SKYWORKS-AA117-85 Datasheet
947Kb / 6P
   GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
AA110-85 SKYWORKS-AA110-85 Datasheet
791Kb / 8P
   GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
logo
Alpha Industries
AA110-85 ALPHA-AA110-85 Datasheet
35Kb / 2P
   GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
logo
Skyworks Solutions Inc.
AA113-310 SKYWORKS-AA113-310 Datasheet
135Kb / 4P
   GaAs IC 6-Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control LF-1 GHz
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Alpha Industries
AA113-310 ALPHA-AA113-310 Datasheet
397Kb / 3P
   GaAs IC 6 Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control DC-1 GHz
logo
Skyworks Solutions Inc.
AA103-72 SKYWORKS-AA103-72_07 Datasheet
82Kb / 4P
   GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
AA226-87 SKYWORKS-AA226-87 Datasheet
536Kb / 7P
   GaAs IC 4-Bit Digital Attenuator, 1 dB LSB LF-2.5 GHz
logo
Alpha Industries
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com