Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA113-310 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. AA113-310
Description  GaAs IC 6-Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control LF-1 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA113-310 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATA SHEET • AA113-310, AA113-310LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200207 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2006
3
Dimensions in inches (mm).
0.122
(3.10 mm)
Sq.
0.020 (0.50 mm)
0.020
(0.50 mm)
0.020 (0.50 mm)
0.020
(0.50 mm)
0.013 (0.33 mm)
Surface Mount Land Pattern
5 x 5 mm QFN 32-Lead
Characteristic
Value
RF input power
2 W > 500 MHz, 0/6 V
0.5 W > 50 MHz, 0/6 V
Supply voltage
6 V
Control voltage(1)
-0.2 V, +6 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
1. Control voltage must not exceed supply voltage.
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
“0” = 0 to 0.5 V (VCC = 5 V).
“1” = 2.7 to 5 V (VCC = 5 V).
Attenuation
CTL05
CTL1
CTL2
CTL4
CTL8
CTL16
J1–J2
0
0
0
0
0
0
Ins. loss
1
0
0
0
0
0
0.5 dB
0
1
0
0
0
0
1 dB
0
0
1
0
0
0
2 dB
0
0
0
1
0
0
4 dB
0
0
0
0
1
0
8 dB
0
0
0
0
0
1
16 dB
1
1
1
1
1
1
31.5 dB
Truth Table
QFN 5 x 5 (-310)
0.001
(0.025 mm)
0.039 (1.00 mm) Max.
Seating
Plane
12˚ Max.
0.197 (5.00 mm) BSC
0.197
(5.00 mm)
BSC
1
32
0.187
(4.75 mm) BSC
0.187
(4.75 mm)
BSC
Pin 1
Indicator
0.122 (3.10 mm)
± 0.006 (0.15 mm)
0.122 (3.10 mm)
± 0.006 (0.15 mm)
32
1
0.138 (3.50 mm) Ref.
0.138
(3.50 mm) Ref.
0.019 (0.50 mm) BSC
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn