Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA110-85 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. AA110-85
Description  GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA110-85 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DATA SHEET • AA110-85, AA110-85LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200205 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 30, 2007
3
Frequency (GHz)
Insertion Loss vs. Frequency
0
0.5
1.0
1.5
2.0
-2.5
-2.3
-2.1
-1.9
-1.7
-1.5
-1.3
-1.1
-0.9
-0.7
-0.5
25 °C
85 °C
-40 °C
Atenuation (dB)
IP3 vs. Attenuation and Temperature,
Main Bits (50 MHz) VSS = 5 V
0
6
12
18
2
8
14
20
4
10
16
22 24 26 28 30
28
30
32
34
36
38
40
25 °C
85 °C
-40 °C
Frequency (GHz)
VSWR vs. Frequency (25 ˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
VSWR vs. Frequency (85 ˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
VSWR vs. Frequency (-40 ˚C)
0
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Typical Performance Data (VCC = 5 V, ZO = 50 Ω)
Compression Point vs. Attenuation,
Voltage, and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V)
25 °C (dBm)
85 °C (dBm)
-40 °C (dBm)
Ins. loss
5
17.2
17.3
19.9
1 dB
5
18.1
18.2
17.8
2 dB
5
19.3
19.5
19.2
4 dB
5
16.9
16.9
16.8
8 dB
5
21.3
21.6
22.4
16 dB
5
18.6
17.8
18.5
31 dB
5
21.4
21.1
21.3
Frequency = 50 MHz.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn