Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA101-80 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # AA101-80
Description  GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA101-80 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  AA101-80 Datasheet HTML 1Page - Skyworks Solutions Inc. AA101-80 Datasheet HTML 2Page - Skyworks Solutions Inc. AA101-80 Datasheet HTML 3Page - Skyworks Solutions Inc. AA101-80 Datasheet HTML 4Page - Skyworks Solutions Inc. AA101-80 Datasheet HTML 5Page - Skyworks Solutions Inc. AA101-80 Datasheet HTML 6Page - Skyworks Solutions Inc. AA101-80 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 21, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200198 Rev. D
DATA SHEET • AA101-80, AA101-80LF
6
VHIGH = 3 to 5 V (VS = VHIGH ± 0.2 V).
V1
V2
V3
V4
V5
Attenuation
16 dB
8 dB
4 dB
2 dB
1 dB
J1–J2
VHIGH
VHIGH
VHIGH
VHIGH
VHIGH
Reference I.L.
VHIGH
VHIGH
VHIGH
VHIGH
01 dB
VHIGH
VHIGH
VHIGH
0VHIGH
2 dB
VHIGH
VHIGH
0VHIGH
VHIGH
4 dB
VHIGH
0VHIGH
VHIGH
VHIGH
8 dB
0VHIGH
VHIGH
VHIGH
VHIGH
16 dB
0
0
0
0
0
31 dB max. atten.
Truth Table
Characteristic
Value
RF input power
2 W > 500 MHz 0/8 V
0.75 W @ 50 MHz 0/8 V
Supply voltage
8 V
Control voltage
-0.2 V, +8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
Attenuation (dB)
IP3 vs. Attenuation and Temperature
25 °C
85 °C
-40 °C
40
42
44
46
48
50
52
54
56
58
60
02468 10 12 14 16 18 20 22 24 26 28 30
Compression Point vs. Attenuation,
Voltage, and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V)
25 °C (dBm)
85 °C (dBm)
-40 °C (dBm)
Ins. loss
3
23.1
23.3
24.3
1
3
23.5
23.3
24.2
2
3
22.7
22.7
23.7
4
3
33.8
33.2
33.8
8
3
31.7
31.7
22.7
16
3
20.2
20.5
21.4
31
3
21.9
20.6
23.6
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
SSOP-16
0.197 (5.00 mm)
0.189 (4.80 mm)
0.158 (4.00 mm)
0.150 (3.80 mm)
0.025
(0.635 mm) Typ.
Pin 1
Pin 16
0.244 (6.20 mm)
0.228 (5.80 mm)
0.068
(1.73 mm) Max.
0.0196 X 45˚
Chamfer
0.010
(0.25 mm)
Typ.
0.010 (0.25 mm)
0.004 (0.10 mm)
0.050 (1.27 mm)
0.016 (0.40 mm)
0.0098
(0.25 mm)
8˚ Max.
5˚ -15˚
R 0.013/
0.008
R 0.008
Min.
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Similar Part No. - AA101-80

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
More results

Similar Description - AA101-80

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
logo
Alpha Industries
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Skyworks Solutions Inc.
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Alpha Industries
AA105-86 ALPHA-AA105-86 Datasheet
400Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz
logo
Skyworks Solutions Inc.
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
   GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Alpha Industries
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Skyworks Solutions Inc.
AA113-310 SKYWORKS-AA113-310 Datasheet
135Kb / 4P
   GaAs IC 6-Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control LF-1 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com