Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA101-80 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. AA101-80
Description  GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA101-80 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET • AA101-80, AA101-80LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200198 Rev. D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • February 21, 2007
3
Frequency (GHz)
Insertion Loss vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
3.0
-3.00
-2.75
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
25 °C
85 °C
-40 °C
Attenuation (dB)
IP3 vs. Attenuation and Temperature (500 MHz)
40
42
44
46
48
50
52
54
56
58
60
02468 10 12 14 16 18 20 22 24 26 28 30
25 °C
85 °C
-40 °C
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
VSWR vs. Frequency (25 ˚C)
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
VSWR vs. Frequency (85 ˚C)
0
0.5
1.0
1.5
2.0
2.5
3.0
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
VSWR vs. Frequency (-40 °C)
0
0.5
1.0
1.5
2.0
2.5
3.0
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Typical Performance Data (0, 5 V)
Compression Point vs. Attenuation,
Voltage, and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V)
25 °C (dBm)
85 °C (dBm)
-40 °C (dBm)
Ins. loss
5
29.4
29.2
29.6
1
5
29.3
29.5
29.7
2
5
28.7
28.9
29.0
4
5
34.5
34.3
34.6
8
5
27.4
27.4
27.7
16
5
27.9
27.6
28.2
31
5
27.7
25.2
28.4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn