Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC116M Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TIC116M
Description  SILICON CONTROLLED RECTIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIC116M Datasheet(HTML) 1 Page - Power Innovations Ltd

  TIC116M Datasheet HTML 1Page - Power Innovations Ltd TIC116M Datasheet HTML 2Page - Power Innovations Ltd TIC116M Datasheet HTML 3Page - Power Innovations Ltd TIC116M Datasheet HTML 4Page - Power Innovations Ltd TIC116M Datasheet HTML 5Page - Power Innovations Ltd TIC116M Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIC116 SERIES
SILICON CONTROLLED RECTIFIERS
PRODUCT
INFORMATION
1
APRIL 1971 - REVISED JUNE 2000
Copyright © 2000, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
G
8 A Continuous On-State Current
G
80 A Surge-Current
G
Glass Passivated Wafer
G
400 V to 800 V Off-State Voltage
G
Max IGT of 20 mA
K
A
G
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDC1ACA
1
2
3
absolute maximum ratings over operating case temperature (unless otherwise noted)
NOTES: 1. These values apply for continuous dc operation with resistive load. Above 70°C derate linearly to zero at 110°C.
2. This value may be applied continuously under single phase 50 Hz half-sine-wave operation with resistive load. Above 70°C derate
linearly to zero at 110°C.
3. This value applies for one 50 Hz half-sine-wave when the device is operating at (or below) the rated value of peak reverse voltage
and on-state current. Surge may be repeated after the device has returned to original thermal equilibrium.
4. This value applies for a maximum averaging time of 20 ms.
RATING
SYMBOL
VALUE
UNIT
Repetitive peak off-state voltage
TIC116D
TIC116M
TIC116S
TIC116N
VDRM
400
600
700
800
V
Repetitive peak reverse voltage
TIC116D
TIC116M
TIC116S
TIC116N
VRRM
400
600
700
800
V
Continuous on-state current at (or below) 70°C case temperature (see Note 1)
IT(RMS)
8
A
Average on-state current (180° conduction angle) at (or below) 70°C case temperature
(see Note 2)
IT(AV)
5
A
Surge on-state current at (or below) 25°C case temperature (see Note 3)
ITM
80
A
Peak positive gate current (pulse width
≤ 300 µs)
IGM
3
A
Peak gate power dissipation (pulse width
≤ 300 µs)
PGM
5
W
Average gate power dissipation (see Note 4)
PG(AV)
1
W
Operating case temperature range
TC
-40 to +110
°C
Storage temperature range
Tstg
-40 to +125
°C
Lead temperature 1.6 mm from case for 10 seconds
TL
230
°C


Similar Part No. - TIC116M

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC116M COMSET-TIC116M Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC116M COMSET-TIC116M Datasheet
164Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
TIC116M NJSEMI-TIC116M Datasheet
84Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
Inchange Semiconductor ...
TIC116M ISC-TIC116M Datasheet
99Kb / 1P
   isc Thyristors
logo
List of Unclassifed Man...
TIC116M ETC-TIC116M Datasheet
547Kb / 1P
   TIRISTORI I TRIJACI
More results

Similar Description - TIC116M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com