Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC108M Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TIC108M
Description  SILICON CONTROLLED RECTIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIC108M Datasheet(HTML) 3 Page - Power Innovations Ltd

  TIC108M Datasheet HTML 1Page - Power Innovations Ltd TIC108M Datasheet HTML 2Page - Power Innovations Ltd TIC108M Datasheet HTML 3Page - Power Innovations Ltd TIC108M Datasheet HTML 4Page - Power Innovations Ltd TIC108M Datasheet HTML 5Page - Power Innovations Ltd TIC108M Datasheet HTML 6Page - Power Innovations Ltd TIC108M Datasheet HTML 7Page - Power Innovations Ltd TIC108M Datasheet HTML 8Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
APRIL 1971 - REVISED MARCH 1997
TIC108 SERIES
SILICON CONTROLLED RECTIFIERS
PRODUCT
INFORMATION
PARAMETER MEASUREMENT INFORMATION
Figure 1. Gate-controlled turn-on time
Figure 2. Circuit-commutated turn-off time
G
R
G
V
A
30 V
I
T
V
G
I
G
DUT
6
V
A
V
G
10%
90%
t
gt
PMC1AA
G1
R
G
V
A
30 V
I
A
6
V
G1
I
G
DUT
G2
R
G
V
G2
TH1
R2
R1
0.1
µµF
to 0.5
µµF
G2 t
P Synchronisation
I
G
V
K
(I
RM Monitor)
0.1
NOTES: A. Resistor R1 is adjusted for the specified value
of I
RM.
B. Resistor R2 value is 30/I
H, where IH is the
holding current value of thyristor TH1.
C. Thyristor TH1 is the same device type as the
DUT.
D. Pulse Generators, G1 and G2, are
synchronised to produce an on-state anode
current waveform with the following
characteristics:
t
P = 50 µs to 300 µs
duty cycle = 1%
E. Pulse Generators, G1 and G2, have output
pulse amplitude, V
G, of ≥ 20 V and duration of
10 µs to 20 µs.
V
G1
V
G2
I
A
V
A
I
T
I
RM
t
q
V
T
0
0
t
P
PMC1AB


Similar Part No. - TIC108M

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC108M COMSET-TIC108M Datasheet
208Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
More results

Similar Description - TIC108M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com