Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIC106 Datasheet(PDF) 6 Page - Power Innovations Ltd

Part No. TIC106
Description  SILICON CONTROLLED RECTIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POINN [Power Innovations Ltd]
Homepage  http://www.bourns.com
Logo 

TIC106 Datasheet(HTML) 6 Page - Power Innovations Ltd

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TIC106 SERIES
SILICON CONTROLLED RECTIFIERS
6
APRIL 1971 - REVISED MARCH 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 11.
Figure 12.
Figure 13.
PEAK ON-STATE VOLTAGE
I
TM - Peak On-State Current - A
0·1
1
10
0.0
0.5
1.0
1.5
2.0
2.5
TC20AE
vs
PEAK ON-STATE CURRENT
T
C = 25 °C
t
p = 300 µs
Duty Cycle
≤≤ 2 %
GATE-CONTROLLED TURN-ON TIME
I
G - Gate Current - mA
0·1
1
10
0.0
2.0
4.0
6.0
8.0
10.0
TC20AF
vs
GATE CURRENT
V
AA = 30 V
R
L = 6 Ω
T
C = 25 °C
See Test Circuit and Waveforms
CIRCUIT-COMMUTATED TURN-OFF TIME
T
C - Case Temperature - °C
20
40
60
80
100
120
0
2
4
6
8
10
12
14
16
TC20AG
CASE TEMPERATURE
vs
V
AA = 30 V
R
L = 6 Ω
I
RM
≈ 8 A
See Test Circuit and Waveforms


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
MCR8SSilicon Controlled Rectifiers 1 2 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
MCR12DSilicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn