Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIC106 Datasheet(PDF) 3 Page - Power Innovations Ltd

Part No. TIC106
Description  SILICON CONTROLLED RECTIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POINN [Power Innovations Ltd]
Homepage  http://www.bourns.com
Logo 

TIC106 Datasheet(HTML) 3 Page - Power Innovations Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
APRIL 1971 - REVISED MARCH 1997
TIC106 SERIES
SILICON CONTROLLED RECTIFIERS
PRODUCT
INFORMATION
PARAMETER MEASUREMENT INFORMATION
Figure 1. Gate-controlled turn-on time
Figure 2. Circuit-commutated turn-off time
G
R
G
V
A
30 V
I
T
V
G
I
G
DUT
6
V
A
V
G
10%
90%
t
gt
PMC1AA
G1
R
G
V
A
30 V
I
A
6
V
G1
I
G
DUT
G2
R
G
V
G2
TH1
R2
R1
0.1
µµF
to 0.5
µµF
G2 t
P Synchronisation
I
G
V
K
(I
RM Monitor)
0.1
NOTES: A. Resistor R1 is adjusted for the specified value
of I
RM.
B. Resistor R2 value is 30/I
H, where IH is the
holding current value of thyristor TH1.
C. Thyristor TH1 is the same device type as the
DUT.
D. Pulse Generators, G1 and G2, are
synchronised to produce an on-state anode
current waveform with the following
characteristics:
t
P = 50 µs to 300 µs
duty cycle = 1%
E. Pulse Generators, G1 and G2, have output
pulse amplitude, V
G, of ≥ 20 V and duration of
10 µs to 20 µs.
V
G1
V
G2
I
A
V
A
I
T
I
RM
t
q
V
T
0
0
t
P
PMC1AB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
MCR8SSilicon Controlled Rectifiers 1 2 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
MCR12DSilicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn