Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM20CTM060-3 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. PM20CTM060-3
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

PM20CTM060-3 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aug.1999
MITSUBISHI INTELLIGNET POWER MODULES
PM20CTM060-3
FLAT-BASE TYPE
INSULATED PACKAGE
EQUIVALENT CIRCUIT DIAGRAM
VNC
VN1
FO
WN
VN
UN
VWPC WP VWP1 VVPC
VP
VVP1 VUPC
UP
VUP1
GND In
VCC
GND
Out
GND In
VCC
GND
Out
GND In
VCC
GND
Out
SWN OWN SVN
OVN
SUN
OUN
GND VCC
FO
WN
VN
UN
Tc
Tb
GND
NW
V
U
P
10
11
15
14
13
12
7
8
9
4
5
6
1
2
3
16
18
19
20
17
Ratings
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC, WP-VWPC, UN ·
VN · WN-VNC
Applied between : FO-VNC
Sink current of FO terminal
ICIN
VFO
IFO
VCES
±IC
±ICP
PC
Tj
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Collector-emitter voltage
Collector current
Collector current (peak)
Collector dissipation
Junction temperature
Conditions
VD = 15V, ICIN = 10mA
TC = 25
°C
TC = 25
°C
TC = 25
°C
Ratings
Unit
V
A
A
W
°C
600
20
40
56
–20 ~ +125*
Input current
Fault output supply voltage
Fault output current
Conditions
CONTROL PART
Symbol
Parameter
Unit
mA
V
mA
20
20
20
VD
Supply voltage
20
V
* maximum instantaneous Tj
≤ 150°C


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PM10CSJ060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM200DSA120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM400HSA120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 Mitsubishi Electric Semiconductor
PM800HSA060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM50RLB060MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM50CSE120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM75CLA060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM10CZF120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM200DVA120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM50CTK060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn