Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS750IBS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16IS750IBS
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16IS750IBS Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16IS750IBS Datasheet HTML 1Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 2Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 3Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 4Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 5Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 6Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 7Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 8Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
SC16IS740_750_760_5
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 16 November 2006
4 of 62
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
5.
Block diagram
Fig 1.
Block diagram of SC16IS750/760 I2C-bus interface
Fig 2.
Block diagram of SC16IS740 I2C-bus interface
SC16IS750/760
16C450
COMPATIBLE
REGISTER
SETS
002aab014
VDD
I2C-BUS
TX
RX
RTS
GPIO
REGISTER
CTS
GPIO[3:0]
XTAL1
XTAL2
SCL
SDA
A0
IRQ
I2C/SPI
4
A1
RESET
GPIO4/DSR
GPIO5/DTR
GPIO6/CD
GPIO7/RI
VDD
VSS
VDD
1 k
Ω (3.3 V)
1.5 k
Ω (2.5 V)
SC16IS740
16C450
COMPATIBLE
REGISTER
SETS
002aab971
VDD
I2C-BUS
TX
RX
RTS
CTS
XTAL1
XTAL2
SCL
SDA
A0
IRQ
I2C/SPI
A1
RESET
VDD
VSS
VDD
1 k
Ω (3.3 V)
1.5 k
Ω (2.5 V)


Similar Part No. - SC16IS750IBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS750IBS NXP-SC16IS750IBS Datasheet
321Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS750IBS NXP-SC16IS750IBS Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
More results

Similar Description - SC16IS750IBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com