Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS176-59 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AS176-59
Description  GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS176-59 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AS176-59 Datasheet HTML 1Page - Skyworks Solutions Inc. AS176-59 Datasheet HTML 2Page - Skyworks Solutions Inc. AS176-59 Datasheet HTML 3Page - Skyworks Solutions Inc. AS176-59 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200174 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • August 2, 2006
1
AS176-59, AS176-59LF: GaAs IC High-Isolation Positive
Control SPDT Switch 300 kHz–3 GHz
DATA SHEET
Features
Positive voltage control (0/3 to 5 V)
High isolation (50 dB @ 0.9, 1.9 GHz)
Low DC power consumption
Ideal for cellular, GSM, DCS,PCS, 3G and 2.4 GHz ISM
applications
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The AS176-59 is a GaAs FET IC SPDT switch packaged in an
MSOP-8 plastic package for low-cost, high-isolation commercial
applications. It is an ideal building block for base station dual-
band applications where synthesizer isolation is critical. Use in
conjunction with the AS165-59 SPST switch to meet GSM
synthesizer isolation requirements.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
J2
J1
V1
V2
N/C
GND
GND
CBL
CBL
J3
CBL
CBL = 47 pF.
Pin Out
Parameter(1)
Condition
Frequency
Min.
Typ.
Max.
Unit
Insertion loss(2)
300 kHz–1.0 GHz
0.7
0.9
dB
300 kHz–2.0 GHz
0.8
1.0
dB
300 kHz–2.5 GHz
0.8
1.1
dB
300 kHz–3.0 GHz
0.9
1.2
dB
Isolation(3)
J1–J2/J1–J3
300 kHz–1.0 GHz
45/50
50/55
dB
J1–J2/J1–J3
300 kHz–2.0 GHz
41/38
45/42
dB
300 kHz–2.5 GHz
29
34
dB
300 kHz–3.0 GHz
22
27
dB
Isolation(4)
J1–J2/J1–J3
300 kHz–1.0 GHz
45/50
50/55
dB
300 kHz–2.0 GHz
47
52
dB
300 kHz–2.5 GHz
36
40
dB
300 kHz–3.0 GHz
30
35
dB
VSWR(5)
300 kHz–2.0 GHz
1.3:1
1.5:1
300 kHz–3.0 GHz
1.5:1
1.8:1
Electrical Specifications at 25 °C (0, 3 V), (0, 5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.
3. Pin 4: N/C.
4. Pin 4: GND.
5. Insertion loss state.


Similar Part No. - AS176-59

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS176-59 ALPHA-AS176-59 Datasheet
61Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
More results

Similar Description - AS176-59

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS177-86 SKYWORKS-AS177-86 Datasheet
123Kb / 4P
   GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3.0 GHz
AS188-92 SKYWORKS-AS188-92 Datasheet
88Kb / 4P
   PHEMT GaAs IC High-Linearity Positive Control SPDT Switch 300 kHz-2 GHz
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS177-86 ALPHA-AS177-86 Datasheet
50Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
AS176-59 ALPHA-AS176-59 Datasheet
61Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
logo
Skyworks Solutions Inc.
AS186-302 SKYWORKS-AS186-302 Datasheet
241Kb / 5P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
AS338-12 SKYWORKS-AS338-12_06 Datasheet
92Kb / 4P
   GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com