Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33076 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC33076
Description  Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33076 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33076
http://onsemi.com
4
Figure 2. Maximum Power Dissipation
versus Temperature
-60
-30
TA, AMBIENT TEMPERATURE (°C)
MC33076P1
MC33076D
Figure 3. Distribution of Input
Offset Voltage
VIO, INPUT OFFSET VOLTAGE (mV)
Figure 4. Input Bias Current versus
Common Mode Voltage
VCM, COMMON MODE VOLTAGE (V)
Figure 5. Input Bias Current
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 6. Input Common Mode Voltage
Range versus Temperature
TA, TEMPERATURE (°C)
Figure 7. Open Loop Voltage Gain
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
4000
3500
3000
2500
2000
1500
1000
500
0
25
20
15
10
5
0
250
225
200
175
150
125
100
150
137
125
112
100
88
75
VEE
120
115
110
105
100
95
90
VCC-1.0
VEE+0.125
VEE+0.25
VCC-0.75
VCC-0.50
VCC-0.25
VCC
0
30
60
90
120
150
-2.0 -1.5 -1.0
-0.5
0
0.5
1.0
1.5
2.0
-15
-10
-5.0
0
5.0
10
15
-55
-25
5.0
35
65
95
125
-55
-25
5.0
35
65
95
125
-55
-25
5.0
35
65
95
125
2.5
180 amplifiers tested
from 3 wafer lots
VCC = ±15 V
TA = 25°C
(Plastic DIP package)
VCC = +15 V
VEE = -15 V
TA = 25°C
VCC = +15 V
VEE = -15 V
VCM = 0 V
VCC = +5.0 V to +18 V
VEE = -5.0 V to -18 V
∆VIO = 5.0 mV
RL = 2.0 kΩ
RL = 100 Ω
VCC = +15 V
VEE = -15 V
f = 10 Hz
∆VO = -10 to +10 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn