Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33076 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC33076
Description  Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33076 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2001
February, 2001 – Rev. 1
1
Publication Order Number:
MC33076/D
MC33076
Dual High Output Current,
Low Power, Low Noise
Bipolar Operational Amplifier
The MC33076 operational amplifier employs bipolar technology
with innovative high performance concepts for audio and industrial
applications. This device uses high frequency PNP input transistors to
improve frequency response. In addition, the amplifier provides high
output current drive capability while minimizing the drain
current. The all NPN output stage exhibits no deadband crossover
distortion, large output voltage swing, excellent phase and gain
margins, low open loop high frequency output impedance and
symmetrical source and sink AC frequency performance.
The MC33076 is tested over the automotive temperature range and
is available in an 8–pin SOIC package (D suffix) and in the standard
8 pin DIP package for high power applications.
100 Ω Output Drive Capability
Large Output Voltage Swing
Low Total Harmonic Distortion
High Gain Bandwidth: 7.4 MHz
High Slew Rate: 2.6 V/µs
Dual Supply Operation: ±2.0 V to ±18 V
High Output Current: ISC = 250 mA typ
Similar Performance to MC33178
Figure 1. Equivalent Circuit Schematic
(Each Amplifier)
Vin+
VCC
Vin-
VEE
Iref
Iref
CC
CM
Vout
Device
Package
Shipping
ORDERING INFORMATION
MC33076D
SO–8
98 Units/Rail
MC33076DR2
SO–8
http://onsemi.com
2500 Tape & Reel
PDIP–8
P1 SUFFIX
CASE 626
1
8
SO–8
D SUFFIX
CASE 751
1
8
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
MC33076P1
PDIP–8
50 Units/Rail
PIN CONNECTIONS
(8 Pin Pkg, Top View)
8
7
6
5
Inputs 1
1
2
3
4
Output 1
VEE
Output 2
VCC
Inputs 2
-
+ 1
-
+
2
1
8
MC33076P1
AWL
YYWW
ALYW
33076
1
8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn