Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33076 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC33076
Description  Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC33076 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33076
http://onsemi.com
6
1A
2A
1B
2B
Figure 14. Output Short Circuit Current
versus Temperature
VCC |VEE|, SUPPLY VOLTAGE (V)
Figure 15. Supply Current versus
Supply Voltage with No Load
TA, AMBIENT TEMPERATURE (°C)
Figure 16. Slew Rate
versus Temperature
Figure 17. Gain Bandwidth Product
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 18. Voltage Gain and Phase
versus Frequency
f, FREQUENCY (Hz)
Figure 19. Voltage Gain and Phase
versus Frequency
TA, AMBIENT TEMPERATURE (°C)
∆Vin
100Ω
100pF
80
120
160
200
240
280
f, FREQEUNCY (Hz)
80
120
160
200
280
+-
240
5.0
4.0
3.0
2.0
1.0
0
320
300
280
260
240
220
200
180
8.5
8.0
7.5
7.0
6.5
6.0
5.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
30
10
-10
-30
-50
50
30
10
-10
-30
-50
0
3.0
6.0
9.0
12
15
18
-55
-25
5.0
35
65
95
125
-55
-25
5.0
35
65
95
125
30 M
-55
-25
5.0
35
65
95
125
10 M
1.0 M
100 k
30 M
10 M
1.0 M
100 k
Source
Sink
VCC = +15 V
VEE = -15 V
VID = ±1.0 V
RL < 10 Ω
TA = +25°C
TA = +125°C
TA = -55°C
VCC = +15 V
VEE = -15 V
∆Vin = 20 Vpp
VCC = +15 V
VEE = -15 V
f = 100 Hz
RL = 100 Ω
CL = 0 pF
1A
2A
1B
2B
1A) Phase, VS = ±18 V
2A) Phase, VS = ±1.5 V
1B) Gain, VS = ±18 V
2B) Gain, VS = ±1.5 V
1A) Phase, (R = 100 Ω)
2A) Phase, (R = 100 Ω, C = 300 pF)
1B) Gain, (R = 100 Ω)
2B) Gain, (R = 100 Ω, C = 300 pF)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn