Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BULD85KC Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # BULD85KC
Description  NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BULD85KC Datasheet(HTML) 2 Page - Power Innovations Ltd

  BULD85KC Datasheet HTML 1Page - Power Innovations Ltd BULD85KC Datasheet HTML 2Page - Power Innovations Ltd BULD85KC Datasheet HTML 3Page - Power Innovations Ltd BULD85KC Datasheet HTML 4Page - Power Innovations Ltd BULD85KC Datasheet HTML 5Page - Power Innovations Ltd BULD85KC Datasheet HTML 6Page - Power Innovations Ltd BULD85KC Datasheet HTML 7Page - Power Innovations Ltd BULD85KC Datasheet HTML 8Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BULD85KC
NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
2
MAY 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
NOTES: 2. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
3. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts, and located
within 3.2 mm from the device body.
NOTE
4: Tested in a typical High Frequency Electronic Ballast.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(sus)
Collector-emitter
sustaining voltage
IC =
0.1 A
L = 25 mH
400
V
ICES
Collector-emitter
cut-off current
VCE = 600 V
VBE = 0
10
µA
IEBO
Emitter cut-off
current
VEB =
9 V
IC = 0
1
mA
VBE(sat)
Base-emitter
saturation voltage
IB =
0.2 A
IC =
1 A
(see Notes 2 and 3)
0.85
1.1
V
VCE(sat)
Collector-emitter
saturation voltage
IB =
0.2 A
IB =
0.4 A
IC =
1 A
IC =
2 A
(see Notes 2 and 3)
0.2
0.4
0.5
1
V
hFE
Forward current
transfer ratio
VCE = 10 V
VCE =
1 V
VCE =
5 V
IC = 0.01 A
IC =
1 A
IC =
2 A
(see Notes 2 and 3)
10
10
10
17.5
15
15.5
20
20
VEC
Anti-parallel diode
forward voltage
IE =
1 A
(see Notes 2 and 3)
1.2
1.5
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
62.5
°C/W
RθJC
Junction to case thermal resistance
1.78
°C/W
switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Anti-parallel diode
reverse recovery time
Measured by holding transistor
in an off condition, VEB = -3 V.
(see Note 4)
1
µs
inductive-load switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsv
Storage time
IC = 1 A
L = 1 mH
IB(on) = 0.2 A
IB(off) = 0.2 A
VCC = 40 V
VCLAMP = 300 V
4
5
µs
resistive-load switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tfi
Current fall time
IC = 1 A
VCC = 300 V
IB(on) = 0.2 A
IB(off) = 0.2 A
150
200
ns


Similar Part No. - BULD85KC

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BULD85KC TRSYS-BULD85KC Datasheet
726Kb / 7P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
More results

Similar Description - BULD85KC

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BULD25D POINN-BULD25D Datasheet
277Kb / 12P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
logo
Transys Electronics
BULD125KC TRSYS-BULD125KC Datasheet
972Kb / 6P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BULD85KC TRSYS-BULD85KC Datasheet
726Kb / 7P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
logo
Power Innovations Ltd
BULD50KC POINN-BULD50KC Datasheet
231Kb / 10P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BUPD1520 POINN-BUPD1520 Datasheet
115Kb / 5P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BULD125KC POINN-BULD125KC Datasheet
167Kb / 8P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
logo
NXP Semiconductors
PHD13003C PHILIPS-PHD13003C_15 Datasheet
144Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-29 July 2010
BUJD103AD PHILIPS-BUJD103AD_15 Datasheet
356Kb / 13P
   NPN power transistor with integrated diode
Rev. 3-3 August 2010
BUJD203A PHILIPS-BUJD203A_15 Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD203A NXP-BUJD203A Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com