Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITR20403 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ITR20403
Description  OPTO INTERRUPTER ITR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR20403 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ITR20403 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR20403 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR20403 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR20403 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR20403 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR20403 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR20403 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR20403 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
OPTO INTERRUPTER ITR
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 5 of 8
Device No:DRX-204-130
Prepared date:07-21-2005
Prepared by:Chun-Chih Liang
50
0-25
25
1
0.1
0.2
0.5
5
2
10
20
75
100
IF =
const
25
1
1.1
1.2
1.3
50
75
100
120
IF=20mA
ITR20403
.
Fig.5 Forward Voltage vs.
Fig.6 Relative Radiant Flux vs.
Ambient Temperature(°C)
Ambient Temperature(°C)


Similar Part No. - ITR20403

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20403 EVERLIGHT-ITR20403 Datasheet
250Kb / 8P
   OPTO INTERRUPTER ITR
ITR20403 EVERLIGHT-ITR20403 Datasheet
246Kb / 8P
   This product itself will remain within RoHS compliant version
ITR20403 EVERLIGHT-ITR20403_06 Datasheet
250Kb / 8P
   OPTO INTERRUPTER ITR
More results

Similar Description - ITR20403

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20508 EVERLIGHT-ITR20508 Datasheet
190Kb / 8P
   OPTO INTERRUPTER ITR
ITR20507 EVERLIGHT-ITR20507 Datasheet
184Kb / 7P
   OPTO INTERRUPTER ITR
ITR20506 EVERLIGHT-ITR20506 Datasheet
186Kb / 7P
   OPTO INTERRUPTER ITR
ITR20403 EVERLIGHT-ITR20403_06 Datasheet
250Kb / 8P
   OPTO INTERRUPTER ITR
ITR8307-L24 EVERLIGHT-ITR8307-L24 Datasheet
258Kb / 9P
   Opto Interrupter ITR
ITR8307-L24-TR8 EVERLIGHT-ITR8307-L24-TR8 Datasheet
324Kb / 10P
   Opto Interrupter ITR
ITR20004 EVERLIGHT-ITR20004 Datasheet
173Kb / 8P
   Opto Interrupter ITR
ITR9904 EVERLIGHT-ITR9904 Datasheet
560Kb / 8P
   OPTO INTERRUPTER ITR
ITR9907 EVERLIGHT-ITR9907_05 Datasheet
328Kb / 9P
   OPTO INTERRUPTER ITR
ITR20505 EVERLIGHT-ITR20505 Datasheet
251Kb / 8P
   OPTO INTERRUPTER ITR
ITR20402 EVERLIGHT-ITR20402_06 Datasheet
320Kb / 9P
   OPTO INTERRUPTER ITR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com