Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-629Y601 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTP-629Y601
Description  HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-629Y601 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTP-629Y601 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-629Y601 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-629Y601 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-629Y601 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-629Y601 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-629Y601 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FTP-637MCL103
s PART NUMBERS
s SPECIFICATIONS
Part number
FTP-637MCL103
Printing method
Thermal-sensitive line dot method
Dot structure
576 dots/line
Dot pitch (Horizontal)
0.125 mm (8 dots/mm)—Dot density
Dot pitch (Vertical)
0.125 mm (8 dots/mm)—Line feed pitch
Effective printing area
72 mm
Number of columns
ANK 48 columns/line (max.12x 24 dot font)
Paper width
80 mm+0
Paper thickness
60 to 100
µ m (some paper in this range may not be used because of
paper characteristics)
Printing Speed
Maximum 100mm/sec. (800 dot line/sec.)
Alphanumeric, katakana:
159 types
International and special characters:
195 types
JIS Kanji
(supported when Kanji CG is mounted):
about 6800 types
48 columns: ANK
28 columns: ANK, Kanji
72 columns: ANK
36 columns: ANK, Kanji
Specifications
Item
Character types
Character, dimensions
(H
×W),
number of columns
-1
(1.5
× 3.0mm)
(3.0
× 3.0mm)
(1.0
× 2.0 mm)
(2.0
× 2.0 mm)
e
m
a
Nr
e
b
m
u
N
t
r
a
P
m
s
i
n
a
h
c
e
M
r
e
t
n
i
r
Ph
c
n
i
33
0
1
L
C
M
7
3
6
-
P
T
F
I
S
L1
0
2
U
C
7
2
6
-
P
T
F
d
r
a
o
B
e
c
a
f
r
e
t
n
I
l
e
ll
a
r
a
p8
1
2
L
C
D
7
3
6
-
P
T
F
l
a
i
r
e
s8
3
2
L
S
D
7
3
6
-
P
T
F
e
l
b
a
C
e
c
a
f
r
e
t
n
I
)
s
c
i
n
o
r
t
n
e
C
(
l
e
ll
a
r
a
P2
0
2
Y
8
2
6
-
P
T
F
)
C
2
3
2
-
S
R
(
l
a
i
r
e
S2
0
3
Y
8
2
6
-
P
T
F
e
l
b
a
C
r
e
w
o
P
c
i
g
o
L1
0
4
Y
9
2
6
-
P
T
F
r
o
t
o
m
d
a
e
H1
0
6
Y
9
2
6
-
P
T
F


Similar Part No. - FTP-629Y601

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-629Y603 FUJITSU-FTP-629Y603 Datasheet
693Kb / 10P
   24V driven receipt, ticket printer 3??KIOSK printer unit
More results

Similar Description - FTP-629Y601

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
logo
Seiko Instruments Inc
LTPH245 SII-LTPH245 Datasheet
841Kb / 64P
   LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
logo
Fujitsu Component Limit...
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
logo
Honeywell Solid State E...
PC42D HONEYWELL-PC42D Datasheet
238Kb / 2P
   4-Inch Direct Thermal Desktop Printer
Rev C
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
   Portable Thermal Printer
logo
Fujitsu Component Limit...
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
   FUJITSU THERMAL PRINTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com