Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-629Y401 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTP-629Y401
Description  HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-629Y401 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTP-629Y401 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-629Y401 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-629Y401 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-629Y401 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-629Y401 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-629Y401 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FTP-637MCL103
s SPECIFICATIONS
*1: printing density assurance range, operation is possible at -0˚C to +40˚C
m
e
t
I
n
o
i
t
a
c
i
f
i
c
e
p
S
3
0
1
L
C
M
7
3
6
-
P
T
F
e
c
a
f
r
e
t
n
I
s
c
i
n
o
r
t
n
e
C
/
C
2
3
2
S
R
o
t
s
m
r
o
f
n
o
C
g
n
i
t
a
r
e
p
O
e
g
a
t
l
o
V
d
a
e
h
t
n
i
r
p
r
o
F
k
a
e
p
A
2
.
2
,
e
g
a
r
e
v
a
A
5
.
1
,
%
5
±
C
D
V
4
2
)
%
5
2
:
o
i
t
a
r
t
n
i
r
p
(
r
o
t
o
m
r
o
Fm
u
m
i
x
a
m
A
1
,
%
5
±
C
D
V
4
2
c
i
g
o
l
r
o
Fm
u
m
i
x
a
m
A
5
.
0
,
%
5
±
C
D
V
5
l
a
n
r
e
t
x
E
s
n
o
i
s
n
e
m
i
d
m
s
i
n
a
h
c
e
m
r
e
t
n
i
r
P)
H
x
D
x
W
(
m
m
5
.
5
1
x
0
.
3
3
x
4
.
2
9
d
r
a
o
b
e
c
a
f
r
e
t
n
I)
H
x
D
x
W
(
m
m
4
2
x
0
6
x
0
7
t
h
g
i
e
Wg
2
5
y
l
e
t
a
m
i
x
o
r
p
p
A
e
f
i
Ld
a
e
H
0
1
x
5
:
e
c
n
a
t
s
i
s
e
r
e
s
l
u
P
8
d
r
a
d
n
a
t
s
r
u
o
r
e
d
n
u
(
t
o
d
/
s
e
s
l
u
p
g
n
il
e
v
a
r
t
r
e
p
a
p
:
e
c
n
a
t
s
i
s
e
r
n
o
i
s
a
r
b
A
.
)
s
n
o
i
t
i
d
n
o
c
)
s
s
e
l
r
o
%
5
2
:
o
i
t
a
r
t
n
i
r
p
(
m
k
0
5
e
c
n
a
t
s
i
d
g
n
i
t
a
r
e
p
O
t
n
e
m
n
o
r
i
v
n
e
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
O*
C
˚
0
5
+
o
t
C
˚
0
1
y
t
i
d
i
m
u
h
g
n
i
t
a
r
e
p
O)
n
o
i
t
a
s
n
e
d
n
o
c
o
n
(
H
R
%
5
8
o
t
0
2
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S)
d
e
d
u
l
c
n
i
t
o
n
r
e
p
a
p
(
C
˚
0
6
+
o
t
C
˚
0
2
-
y
t
i
d
i
m
u
h
e
g
a
r
o
t
S)
n
o
i
t
a
s
n
e
d
n
o
c
o
n
(
H
R
%
5
9
o
t
5
n
o
i
t
c
e
t
e
D
n
o
i
t
c
n
u
f
e
r
u
t
a
r
e
p
m
e
t
d
a
e
H
n
o
i
t
c
e
t
e
d
r
o
t
s
i
m
r
e
h
t
y
b
d
e
t
c
e
t
e
D
n
o
i
t
c
e
t
e
d
k
r
a
m
/
t
u
o
r
e
p
a
Pr
e
t
p
u
r
r
e
t
n
i
-
o
t
o
h
p
y
b
d
e
t
c
e
t
e
D
n
o
i
t
c
e
t
e
d
e
s
a
e
l
e
r
n
e
t
a
l
Ph
c
t
i
w
s
e
d
il
s
y
b
d
e
t
c
e
t
e
D
r
e
p
a
p
e
v
i
t
i
s
n
e
s
l
a
m
r
e
h
t
d
e
d
n
e
m
m
o
c
e
R)
m
m
0
8
(
1
0
0
U
P
0
3
0
-
P
T
F


Similar Part No. - FTP-629Y401

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-629Y301 FUJITSU-FTP-629Y301 Datasheet
693Kb / 10P
   24V driven receipt, ticket printer 3??KIOSK printer unit
FTP-629Y301 FUJITSU-FTP-629Y301 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
FTP-629Y302 FUJITSU-FTP-629Y302 Datasheet
693Kb / 10P
   24V driven receipt, ticket printer 3??KIOSK printer unit
FTP-629Y603 FUJITSU-FTP-629Y603 Datasheet
693Kb / 10P
   24V driven receipt, ticket printer 3??KIOSK printer unit
More results

Similar Description - FTP-629Y401

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
logo
Seiko Instruments Inc
LTPH245 SII-LTPH245 Datasheet
841Kb / 64P
   LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
logo
Fujitsu Component Limit...
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
logo
Honeywell Solid State E...
PC42D HONEYWELL-PC42D Datasheet
238Kb / 2P
   4-Inch Direct Thermal Desktop Printer
Rev C
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
   Portable Thermal Printer
logo
Fujitsu Component Limit...
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
   FUJITSU THERMAL PRINTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com