Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BULD50KC Datasheet(PDF) 5 Page - Power Innovations Ltd

Part No. BULD50KC
Description  NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POINN [Power Innovations Ltd]
Homepage  http://www.bourns.com
Logo 

BULD50KC Datasheet(HTML) 5 Page - Power Innovations Ltd

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FEBRUARY 1994 - REVISED SEPTEMBER 1997
BULD50KC, BULD50SL
NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
PRODUCT
INFORMATION
THERMAL INFORMATION
Figure 7.
Figure 8.
THERMAL RESPONSE JUNCTION TO AMBIENT
vs
POWER PULSE DURATION
t1 - Power Pulse Duration - s
10-4
10-3
10-2
10-1
100
101
102
103
0·001
0·01
0·1
1·0
LDX50CZA
40%
60%
20%
10%
0%
BULD50KC
T
A = 25°C
T
J max
(
)
T
A
P
D peak
(
)
ZθJA
RθJA
RθJA max
(
)
=
t1
t2
duty cycle = t1/t2
Read time at end of t1,
THERMAL RESPONSE JUNCTION TO AMBIENT
vs
POWER PULSE DURATION
t1 - Power Pulse Duration - s
10-4
10-3
10-2
10-1
100
101
102
103
0·001
0·01
0·1
LDX50SZA
40%
60%
20%
10%
0%
BULD50SL
T
A = 25°C
T
J max
(
)
T
A
P
D peak
(
)
ZθJA
RθJA
RθJA max
(
)
=
t1
t2
duty cycle = t1/t2
Read time at end of t1,


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn