Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BULD125KC Datasheet(PDF) 6 Page - Power Innovations Ltd

Part No. BULD125KC
Description  NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POINN [Power Innovations Ltd]
Homepage  http://www.bourns.com
Logo 

BULD125KC Datasheet(HTML) 6 Page - Power Innovations Ltd

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BULD125KC
NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
6
MAY 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
THERMAL INFORMATION
Figure 9.
MAXIMUM POWER DISSIPATION JUNCTION TO CASE
vs
POWER PULSE DURATION
t1 - Power Pulse Duration - s
10-4
10-3
10-2
10-1
100
101
102
10
100
1000
LD125CPC
40%
60%
20%
10%
0%
BULD125KC
T
C = 25°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn