Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BULD125KC Datasheet(PDF) 4 Page - Power Innovations Ltd

Part No. BULD125KC
Description  NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POINN [Power Innovations Ltd]
Homepage  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BULD125KC Datasheet(HTML) 4 Page - Power Innovations Ltd

  BULD125KC Datasheet HTML 1Page - Power Innovations Ltd BULD125KC Datasheet HTML 2Page - Power Innovations Ltd BULD125KC Datasheet HTML 3Page - Power Innovations Ltd BULD125KC Datasheet HTML 4Page - Power Innovations Ltd BULD125KC Datasheet HTML 5Page - Power Innovations Ltd BULD125KC Datasheet HTML 6Page - Power Innovations Ltd BULD125KC Datasheet HTML 7Page - Power Innovations Ltd BULD125KC Datasheet HTML 8Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BULD125KC
NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
4
MAY 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 4.
Figure 5.
THERMAL INFORMATION
Figure 6.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0·1
1·0
10
100
LD125CFB
t
p = 100 µs
t
p =
1 ms
t
p =
10 ms
DC Operation
BULD125KC
T
C = 25°C
MAXIMUM REVERSE-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
12
14
LD125CRB
I
B(on)
= I
C / 5
V
BE(off) = -5 V
T
C
= 25°C
THERMAL RESPONSE JUNCTION TO AMBIENT
vs
POWER PULSE DURATION
t1 - Power Pulse Duration - s
10-4
10-3
10-2
10-1
100
101
102
103
0·001
0·01
0·1
1·0
LD125CZA
40%
60%
20%
10%
0%
BULD125KC
T
A = 25°C
T
J max
(
)
T
A
P
D peak
(
)
ZθJA
RθJA
RθJA max
(
)
=
t1
t2
duty cycle = t1/t2
Read time at end of t1,


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn