Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BULD125KC Datasheet(PDF) 3 Page - Power Innovations Ltd

Part No. BULD125KC
Description  NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POINN [Power Innovations Ltd]
Homepage  http://www.bourns.com
Logo 

BULD125KC Datasheet(HTML) 3 Page - Power Innovations Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MAY 1994 - REVISED SEPTEMBER 1997
BULD125KC
NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
FORWARD CURRENT TRANSFER RATIO
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0.01
0.1
1·0
10
100
3·0
30
10
LD125CHF
T
C = 25°C
V
CE =
1 V
V
CE =
5 V
V
CE = 10 V
ANTI-PARALLEL DIODE
INSTANTANEOUS FORWARD CURRENT
vs
INSTANTANEOUS FORWARD VOLTAGE
V
EC - Instantaneous Forward Voltage - V
0
0·5
1·0
1·5
2·0
2·5
0·01
0·1
1·0
10
LD125CVF
T
C = 25°C
BASE-EMITTER SATURATION VOLTAGE
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1.0
LD125CVB
I
C = 1.5 A
I
B = 0.3 A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn