Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65006 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part No. SKY65006
Description  3.3 V, 2.5 GHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65006 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

  SKY65006 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PRELIMINARY DATA SHEET • SKY65006
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 14, 2007 • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • 200122 Rev. D
8
The application’s circuit board was constructed as a four-layer
FR4 stack with an overall thickness of 0.062 inches. Top layer
dielectric is 0.01-inch thick with 50
Ω transmission line widths
of 0.0195 inches. Printed circuit board was constructed using a
symmetrical 0.01-inch stack on the top and bottom layers and
with a 0.032-inch thick pre-preg core. All components were 0402
in size with the exception of the 4.7 µF and 10 µF Tantalum
capacitors. Please note that the 10 µF capacitors were installed
to provide low frequency filtering for lab testing. Actual values, if
necessary, will be dependent upon layout and circuit environ-
ment. All ground vias used were 0.012 inches in diameter and
placed as close to the ground ends of by-passing components as
possible. Four vias were used under the device to create a low
inductance path to ground. If a smaller diameter is to be used, or
if the substrate thickness is greater than 0.01 inches, additional
vias must be placed under the device to reduce the potential risk
of parasitic oscillation.
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn