Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65006 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part No. SKY65006
Description  3.3 V, 2.5 GHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65006 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PRELIMINARY DATA SHEET • SKY65006
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 14, 2007 • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • 200122 Rev. D
6
Part #
ID
Size
Value
Units
Manufacturer
Product Number
1C1
0402
6
pF
Murata
GRM1555C1H6R0CZ01E
2C2
0402
6
pF
Murata
GRM1555C1H6R0CZ01E
3C3
0402
10K
pF
Murata
GRM155R71H102KA01
4C4
0402
10K
pF
Murata
GRM155R71H102KA01
5C5
0402
1.8
pF
Murata
GRM1555C1H1R8CZ01D
6C6
0603
4.7
µF
Murata
GRM188R60J475KE19D
7C7
0402
5
pF
Murata
GRM1555C1H5R0CZ01E
8C8
0402
10
µF
Murata
GRM1555C1H100JZ01E
9C9
0402
10
µF
Murata
GRM1555C1H100JZ01E
10
C10
0402
1
pF
Murata
GRM1555C1H1R0CZ01E
11
C11
0402
1
pF
Murata
GRM1555C1H1R0CZ01E
12
L1
0402
22
nH
TDK
MLK1005S22NJT000
13
L2
0402
22
nH
TDK
MLK1005S22NJT000
14
L3
0402
2.2
nH
TDK
GRM1555C1H2R2CZ01E
15
L4
0402
2.2
nH
TDK
GRM1555C1H2R2CZ01E
16
R1
0402
180
Panasonic(1)
ERJ2GEJ181X
17
R2
0402
240
Panasonic(1)
ERJ2GEJ241X
18
R3
0402
51K
Panasonic(1)
ERJ2GEJ513X
19
PCB
Metro circuits
EN18-D730
Bill of Material for Applications Board
1. Panasonic is Skyworks preferred vendor, however any suitable equivalent will do.
Test Board Biasing Procedure
1. Connect the RF input and output ports as labeled on the
engineering evaluation board.
2. Set the input power level from the signal generator to
approximately -25 dBm.
3. Apply ground connection from DC voltage supply to all
GND pins before applying any voltage.
4. Adjust the power supply to 3.3 V and set the current limit to
400 mA. Apply voltage to the pin labeled VCC and note that
there is no current draw from the supply. Be sure to apply
the voltage to VCC before applying any other voltages to the
test board.
5. Adjust a second power supply output to 3.0 V and set the
current limit to 30 mA. Apply voltage to the pin labeled VREG
and note that the current draw is approximately 10 mA.
6. Observe that the current on the VCC supply is in the range
of the quiescent current specification. The SKY65006
should be approximately 50 mA.
7. Observe that the small signal gain is within the range speci-
fied. The SKY65006 should be in the range of 27 dB. This
should verify the proper working conditions for this device,
and further testing can proceed.
8. To observe the detector voltage output, connect a voltmeter
or oscilloscope to the VDET pin on the evaluation test board.
Set the signal source to CW mode and increase power until
the output voltage begins to increase. The nominal offset
voltage with low or no signal inputs should be approximately
50–200 mV and should increase monotonically to approxi-
mately 700–1000 mV, when driven at an output level of
approximately 18 dBm. The evaluation circuit contains an
external 51K
Ω resistor and an equivalent capacitance of
10 pF to ground.
9. Bias the unit off by first removing the VREG power supply and
finally remove the connection to the VCC power supply.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn