Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65006 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part No. SKY65006
Description  3.3 V, 2.5 GHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65006 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRELIMINARY DATA SHEET • SKY65006
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200122 Rev. D • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • May 14, 2007
5
Port
RF In
Port
RREG
C9
C5
C3
C2
SKY65006
C8
C1
L3
L1
L2
C4
C10
C11
C7
R3
L4
C6
Port
VCC
Port
RF Out
Port
DET Out
Optional
Optional Filter/Match
R2
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Applications Circuit
C6
C1
C7
R3
C4
L2
R2
C3
L1
R1
C5
C2
C8
C9
L4
C10
C11
L3
12
11
10
1
16
4
RF IN
RF OUT
VCC
1
GND
VREG
GND
GND
VDET
VCC 3.3 V
VREG 3 V
+
+
+
Applications Board
Board Layout
Board Photograph


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn