Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS186-302 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AS186-302
Description  GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS186-302 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AS186-302 Datasheet HTML 1Page - Skyworks Solutions Inc. AS186-302 Datasheet HTML 2Page - Skyworks Solutions Inc. AS186-302 Datasheet HTML 3Page - Skyworks Solutions Inc. AS186-302 Datasheet HTML 4Page - Skyworks Solutions Inc. AS186-302 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200104 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • August 2, 2006
1
AS186-302, AS186-302LF: GaAs IC High-Isolation Positive
Control SPDT Nonreflective Switch LF–4 GHz
DATA SHEET
Applications
Typical applications include GSM, PCS, WCDMA, 2.4 GHz ISM
and 3.5 GHz wireless local loop
Features
Positive voltage control (0/3 to 0/5 V)
High isolation (55 dB @ 0.9 GHz and 1.9 GHz)
Miniature MSOP-8 exposed pad package
Three-switch solution for base station synthesizer switch
Nonreflective
Operation to 6 GHz
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The AS186-302 is a GaAs FET IC SPDT nonreflective switch,
packaged in an MSOP-8 exposed pad plastic package for low-
cost, high-isolation commercial applications.
J2
J1
V1
V2
GND
GND
GND
CBL
CBL
J3
CBL
50
50
CBL = 47 pF for operation > 500 MHz.
Pin Out
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Insertion loss
LF–2 GHz
0.8
1.05
dB
LF–3 GHz
0.9
1.15
dB
LF–4 GHz
1.0
1.25
dB
Isolation(1)
LF–2 GHz
50
55
dB
LF–3 GHz
45
50
dB
LF–4 GHz
35
40
dB
VSWR (on state)
LF–2 GHz
1.3:1
1.5:1
LF–4 GHz
1.3:1
1.6:1
VSWR (off state)
0.5–4 GHz
1.35:1
1.7:1
Electrical Specifications
-40 °C
≤ T ≤ +85 °C, VCTL = 0/5 V, Z0 = 50 Ω unless otherwise noted
1. Backside of exposed pad must be connected to RF ground to obtain specified isolation.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
Innovation to Go
TM
Now available for purchase online.
BUY
NOW
BUY
NOW


Similar Part No. - AS186-302

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS186-302 ALPHA-AS186-302 Datasheet
122Kb / 3P
   GaAs IC High Isolation Positive Control SPDT Non-Reflective Switch DC-4.0 GHz
logo
Skyworks Solutions Inc.
AS186-302LF SKYWORKS-AS186-302LF Datasheet
613Kb / 7P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
AS186-302LF SKYWORKS-AS186-302LF_15 Datasheet
652Kb / 7P
   Three-switch solution for base station synthesizer switch
AS186-302LF SKYWORKS-AS186-302LF_17 Datasheet
613Kb / 7P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
More results

Similar Description - AS186-302

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS186-302LF SKYWORKS-AS186-302LF_17 Datasheet
613Kb / 7P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
AS196-307 SKYWORKS-AS196-307 Datasheet
688Kb / 6P
   GaAs IC High-Isolation SPDT Nonreflective Switch with Driver LF-6 GHz
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS177-86 ALPHA-AS177-86 Datasheet
50Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
AS176-59 ALPHA-AS176-59 Datasheet
61Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
logo
Analog Devices
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
   High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
   High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
logo
Skyworks Solutions Inc.
AS176-59 SKYWORKS-AS176-59 Datasheet
116Kb / 4P
   GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com