Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA102-80 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. AA102-80
Description  GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA102-80 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200103 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • February 8, 2006
1
AA102-80, AA102-80LF: GaAs IC 5-Bit Digital Attenuator
0.5 dB LSB Positive Control 0.5–2.5 GHz
DATA SHEET
Features
Attenuation 0.5 dB steps to 15.5 dB with high accuracy
Single positive control (3 to 5 V) for each bit
Low DC power consumption
Small low-cost SSOP-16 plastic package
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The AA102-80 is a 5-bit, single positive control GaAs IC FET dig-
ital attenuator in a low-cost SSOP-16 package. This attenuator
has an LSB of 0.5 dB and a total attenuation of 15.5 dB. The
attenuator requires external DC blocking capacitors, positive
supply voltage (VS) and five individual bit control voltages (V1–V5).
It is particularly suited where high attenuation accuracy, low
insertion loss and low intermodulation products are required.
Typical applications include base station, wireless data, and wire-
less local loop gain level control circuits.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
DC blocking capacitors (CBL) and biasing resistor must be supplied externally for positive
voltage operation.
CBL = 47 pF for operation >500 MHz.
V5
V4
V3
V2
J1
GND
GND
GND
GND
GND
GND
GND
GND
GND
V1
J2
CBL
CBL
VS
10 k
8 dB
4 dB
2 dB
1 dB
0.5 dB
Pin Out


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn