Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA102-80 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part No. AA102-80
Description  GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

AA102-80 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 8, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200103 Rev. B
DATA SHEET • AA102-80, AA102-80LF
6
Characteristic
Value
RF input power
2 W > 500 MHz 0/8 V
0.75 W @ 50 MHz 0/8 V
Supply voltage
8 V
Control voltage
-0.2 V, +8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
VHIGH = 3 to 5 V (VS = VHIGH ± 0.2 V).
V1
V2
V3
V4
V5
Attenuation
8 dB
4 dB
2 dB
1 dB
0.5 dB
J1–J2
VHIGH
VHIGH
VHIGH
VHIGH
VHIGH
Reference I.L.
VHIGH
VHIGH
VHIGH
VHIGH
0
0.5 dB
VHIGH
VHIGH
VHIGH
0VHIGH
1 dB
VHIGH
VHIGH
0VHIGH
VHIGH
2 dB
VHIGH
0VHIGH
VHIGH
VHIGH
4 dB
0VHIGH
VHIGH
VHIGH
VHIGH
8 dB
0
0
0
0
0
15.5 dB max. atten.
Truth Table
Attenuation (dB)
IP3 vs. Attenuation and Temperature (500 MHz)
44
46
48
50
52
54
56
58
60
01 2 3 4 5 6
7 8 9 10 11 12 13 14 15
25 °C
85 °C
-40 °C
Compression Point vs. Attenuation,
Voltage, and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V)
25 °C (dBm)
85 °C (dBm)
-40 °C (dBm)
Ins. Loss
3
24.1
23.7
24.1
0.5
3
24.4
24
25
1
3
24.4
23.8
24.3
2
3
24.7
24.1
24.5
4
3
36.8
36.8
36.8
8
3
26.7
26.8
29.6
15.5
3
27.1
25.6
28.7
Frequency = 0.5–2.5 GHz.
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
SSOP-16
0.197 (5.00 mm)
0.189 (4.80 mm)
0.158 (4.00 mm)
0.150 (3.80 mm)
0.025
(0.635 mm) Typ.
Pin 1
Pin 16
0.244 (6.20 mm)
0.228 (5.80 mm)
0.068
(1.73 mm) Max.
0.0196 X 45˚
Chamfer
0.010
(0.25 mm)
Typ.
0.010 (0.25 mm)
0.004 (0.10 mm)
0.050 (1.27 mm)
0.016 (0.40 mm)
0.0098
(0.25 mm)
8˚ Max.
5˚ -15˚
R 0.013/
0.008
R 0.008
Min.
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn