Electronic Components Datasheet Search |
|
PTV09A-4215S-B202 Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
PTV09A-4215S-B202 Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page PTV09 Series - 9 mm Potentiometer Features ■ Carbon element ■ Insulated shaft ■ Snap-in clip ■ Center detent option ■ RoHS compliant* Applications ■ Audio/TV sets ■ Car radio ■ Amplifiers/mixers/drum machines/ synthesizers ■ PCs/monitors ■ Appliances Electrical Characteristics Taper ....................................Linear, audio Standard Resistance Range ........................1 K ohms to 1 M ohms Standard Resistance Tolerance ....±20 % Residual Resistance ......................500 ohms or ±1 % max. Environmental Characteristics Operating Temperature ..................................-10 °C to +50 °C Power Rating (Linear and Audio) ................0.05 watt Maximum Operating Voltage (Linear and Audio)......20 VDC, 50 VAC Sliding Noise ......................100 mV max. Mechanical Characteristics Mechanical Angle ....................280 ° ±5 ° Rotational Torque ............10 to 100 g-cm Detent Torque ..................40 to 200 g-cm Stop Strength......................2 kg-cm min. Rotational Life ....................10,000 cycles Soldering Condition ............300 °C max. within 3 seconds Hardware ..............No hardware supplied How To Order PTV09A - 2 0 20 F - B 203 Model Terminal Configuration (Pin Layout) • 2 = PC Pins Vertical/ Down Facing • 4 = PC Pins Horizontal/ Rear Facing Option • 0 = No Detent • 2 = Center Standard Shaft Length • 15 = 15 mm • 20 = 20 mm • 25 = 25 mm • 30 = 30 mm Shaft Style • F = Flat Type Insulated Shaft • S = Insulated Knurled (24 Teeth)* • U = Insulated Knurled (40 Teeth) Resistance Taper • A = Audio Taper • B = Linear Taper Resistance Code (See Table) Other styles available. *Available in 20 mm or 25 mm shaft lengths only. Product Dimensions 2 PLCS. RECOMMENDED PCB LAYOUT PTV09A-2 (with shaft style F) F 40 ° 3 PLCS. 3 PLCS. SHAFT SHOWN IN CCW POSITION 10.0 (.393) 6.0 +0 -0.1 (.236 ) +0 -0.0003 4.5 (.177 ) +0 -0.0003 +0 -0.1 3.5 (.137) 3.8 (.149) 2.0 (.078) 3.3 (.129) 2.6 (.102) 0.8 (.031) 6.8 (.267) 9.8 (.385) 5.5 (.216) 0.8 (.031) 5.0 (.196) 7.4 (.291) 1.8 +0.2 -0.0 (.070 ) +0.0007 -0.0 2 PLCS. 2.1 +0.2 -0.0 (.082 ) +0.0007 -0.0 8.2 (.322) 5.0 (.196) 1.0 +0.2 -0.0 (.039 ) +0.0007 -0.0 3.3 (.129) L ± 0.5 (.019) C0.5 RECOMMENDED PCB LAYOUT PTV09A-4 (with shaft style F) F L ± 40 ° SHAFT SHOWN IN CCW POSITION 6.0 +0 -0.1 (.236 ) +0 -0.0003 4.5 (.177 ) +0 -0.0003 +0 -0.1 0.8 (.031) 6.8 (.267) 3.5 (.137) 3.8 (.149) 2.0 (.078) 7.0 (.275) 9.8 (.385) 5.5 (.216) 5.0 (.196) 11.4 (.448) 2 PLCS. 3 PLCS. 1.8 +0.2 -0.0 (.070 ) +0.0007 -0.0 2 PLCS. 2.1 +0.2 -0.0 (.082 ) +0.0007 -0.0 1.0 +0.2 -0.0 (.039 ) +0.0007 -0.0 10.6 (.417) 5.0 (.196) 7.0 (.275) 0.5 (.019) F-Type Shaft L 15 (.591) 6 (.236) 20 (.787) 7 (.275) 30 (1.181) 12 (.472) 25 (.984) 12 (.472) F DIMENSIONS ARE: MM (INCHES) Standard Resistance Table Resistance Resistance (Ohms) Code 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 50,000 503 100,000 104 200,000 204 500,000 504 1,000,000 105 *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |
Similar Part No. - PTV09A-4215S-B202 |
|
Similar Description - PTV09A-4215S-B202 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |