Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2257-SL Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2257-SL
Description  Electronic Volume Controller IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2257-SL Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2257-SL Datasheet HTML 2Page - Princeton Technology Corp PT2257-SL Datasheet HTML 3Page - Princeton Technology Corp PT2257-SL Datasheet HTML 4Page - Princeton Technology Corp PT2257-SL Datasheet HTML 5Page - Princeton Technology Corp PT2257-SL Datasheet HTML 6Page - Princeton Technology Corp PT2257-SL Datasheet HTML 7Page - Princeton Technology Corp PT2257-SL Datasheet HTML 8Page - Princeton Technology Corp PT2257-SL Datasheet HTML 9Page - Princeton Technology Corp PT2257-SL Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2257 V1.3
- 6 -
December, 2006
Electronic Volume Controller IC
PT2257
INTERFACE PROTOCOL
The interface protocol consists of the following:
• A Start bit
• A Chip Address Byte=88H
• ACK=Acknowledge bit
• A Data byte
• A Stop bit
Please refer to the diagram below:
PT2257 Address
MSB
First Byte
LSB
MSB
LSB
MSB
LSB
START
1 0 0 0 1 0 0 0 ACK
DATA
ACK
DATA
ACK STOP
DATA TRANSMITTED (N-BYTES+ACKNOWLEDGE)
Note:
1. ACK=ACKNOWLEDGE
2. MAX. CLOCK SPEED=100K BITS/S


Similar Part No. - PT2257-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257-S PTC-PT2257-S Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2257-S PTC-PT2257-S Datasheet
296Kb / 16P
   Electronic Volume Controller IC
More results

Similar Description - PT2257-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com