Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2256-SL Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT2256-SL
Description  Electronic Volume Controller IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256-SL Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT2256-SL Datasheet HTML 7Page - Princeton Technology Corp PT2256-SL Datasheet HTML 8Page - Princeton Technology Corp PT2256-SL Datasheet HTML 9Page - Princeton Technology Corp PT2256-SL Datasheet HTML 10Page - Princeton Technology Corp PT2256-SL Datasheet HTML 11Page - Princeton Technology Corp PT2256-SL Datasheet HTML 12Page - Princeton Technology Corp PT2256-SL Datasheet HTML 13Page - Princeton Technology Corp PT2256-SL Datasheet HTML 14Page - Princeton Technology Corp PT2256-SL Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256 V1.7
- 11 -
August, 2006
Electronic Volume Controller IC
PT2256
APPLICATION CIRCUIT
SINGLE POWER SUPPLY (NO LOUDNESS AND NO BACKUP CIRCUIT)
L-Ch Output
R-Ch Output
R-Ch Input
L-Ch Input
Rx
Cx
VSS
OUT1
IN1
LT1
AGND
/UP
/DN
OSC
VDD
OUT2
IN2
LT2
AGND
DCO
/INH
/RST
PT2256
100K
3.9K
3.9K
10 F
µ
10 F
µ
UP Key
Down Key
0.1 F
µ
10 F
µ
10 F
µ
0.1 F
µ
10K
10K
100 F
µ
VDD (4.5 to 12V)
+
+
+
+
Note:
Modifying the values of Rx and Cx affects the Oscillator Frequency of the IC. If the Fosc value is big,
then the volume control change is fast. Likewise, if the Fosc value is small, the volume control change
is slow. It is suggested that Rx=33K, Cx=2.2µF.
The table for the Rx, Cx and Fosc values are given below:
Rx
Cx
Fosc
Rx
Cx
Fosc
33K
1.0µF
34.1Hz
33K
1.0µF
34.1Hz
33K
2.2µF
17.8Hz
51K
1.0µF
22.7Hz
33K
10µF
3.4Hz
100K
1.0µF
11.8Hz


Similar Part No. - PT2256-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2256-S PTC-PT2256-S Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
More results

Similar Description - PT2256-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com