Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1263 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SMV1263
Description  Hyperabrupt Junction Tuning Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1263 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SMV1263 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200062 Rev. D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 10, 2006
1
DATA SHEET
SMV1263 Series: Hyperabrupt Junction Tuning Varactors
Characteristic
Value
Forward current (IF)
20 mA
Power dissipation (PD)
250 mW
Storage temperature (TST)
-55 °C to +150 °C
Operating temperature (TOP)
-55 °C to +125 °C
ESD human body model
Class 1A
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
Features
High capacitance ratio at low reverse voltage
Designed for high-volume, low-cost battery applications
Multiple packages: SC-79 and SC-70
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Available in tape and reel packaging
Description
The SMV1263 devices are silicon hyperabrupt junction varactor
diodes specifically designed for 3 V platforms. The specified high
capacitance ratio and low RS of these varactors make them
attractive for low phase noise VCOs in wireless systems up to
and beyond 2.5 GHz. Applications include low-noise and wideband
UHF and VHF VCO for GSM, PCS, CDMA and analog phones.
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.


Similar Part No. - SMV1263

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1263 SKYWORKS-SMV1263 Datasheet
653Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1263-040LF SKYWORKS-SMV1263-040LF Datasheet
653Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1263-074LF SKYWORKS-SMV1263-074LF Datasheet
653Kb / 8P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1263-079 ALPHA-SMV1263-079 Datasheet
262Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1263-079LF SKYWORKS-SMV1263-079LF Datasheet
653Kb / 8P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1263

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com