Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX33D Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # BDX33D
Description  NPN SILICON POWER DARLINGTONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDX33D Datasheet(HTML) 2 Page - Power Innovations Ltd

  BDX33D Datasheet HTML 1Page - Power Innovations Ltd BDX33D Datasheet HTML 2Page - Power Innovations Ltd BDX33D Datasheet HTML 3Page - Power Innovations Ltd BDX33D Datasheet HTML 4Page - Power Innovations Ltd BDX33D Datasheet HTML 5Page - Power Innovations Ltd BDX33D Datasheet HTML 6Page - Power Innovations Ltd BDX33D Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BDX33, BDX33A, BDX33B, BDX33C, BDX33D
NPN SILICON POWER DARLINGTONS
2
AUGUST 1993 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 100 mA
IB = 0
(see Note 3)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
45
60
80
100
120
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 30 V
VCE = 40 V
VCE = 50 V
VCE = 60 V
VCE = 30 V
VCE = 30 V
VCE = 40 V
VCE = 50 V
VCE = 60 V
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
0.5
0.5
0.5
0.5
0.5
10
10
10
10
10
mA
ICBO
Collector cut-off
current
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
1
1
1
1
1
5
5
5
5
5
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
10
mA
hFE
Forward current
transfer ratio
VCE =
3 V
VCE =
3 V
VCE =
3 V
VCE =
3 V
VCE =
3 V
IC = 4 A
IC = 4 A
IC = 3 A
IC = 3 A
IC = 3 A
(see Notes 3 and 4)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
750
750
750
750
750
VBE(on)
Base-emitter
voltage
VCE =
3 V
VCE =
3 V
VCE =
3 V
VCE =
3 V
VCE =
3 V
IC = 4 A
IC = 4 A
IC = 3 A
IC = 3 A
IC = 3 A
(see Notes 3 and 4)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
2.5
2.5
2.5
2.5
2.5
V
VCE(sat)
Collector-emitter
saturation voltage
IB =
8 mA
IB =
8 mA
IB =
6 mA
IB =
6 mA
IB =
6 mA
IC = 4 A
IC = 4 A
IC = 3 A
IC = 3 A
IC = 3 A
(see Notes 3 and 4)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
2.5
2.5
2.5
2.5
2.5
V
VEC
Parallel diode
forward voltage
IE =
8 A
IB = 0
4
V


Similar Part No. - BDX33D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BDX33D BOURNS-BDX33D Datasheet
112Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
BDX33D TEL-BDX33D Datasheet
100Kb / 3P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Micro Commercial Compon...
BDX33D MCC-BDX33D Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
logo
Continental Device Indi...
BDX33D CDIL-BDX33D Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Bourns Electronic Solut...
BDX33D BOURNS-BDX33D Datasheet
97Kb / 5P
   Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
More results

Similar Description - BDX33D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com