Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5325B-B-GM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI5325B-B-GM
Description  UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5325B-B-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  SI5325B-B-GM Datasheet HTML 1Page - Silicon Laboratories SI5325B-B-GM Datasheet HTML 2Page - Silicon Laboratories SI5325B-B-GM Datasheet HTML 3Page - Silicon Laboratories SI5325B-B-GM Datasheet HTML 4Page - Silicon Laboratories SI5325B-B-GM Datasheet HTML 5Page - Silicon Laboratories SI5325B-B-GM Datasheet HTML 6Page - Silicon Laboratories SI5325B-B-GM Datasheet HTML 7Page - Silicon Laboratories SI5325B-B-GM Datasheet HTML 8Page - Silicon Laboratories SI5325B-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Si5325
2
Preliminary Rev. 0.26
Table 1. Performance Specifications
(VDD = 1.8, 2.5, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Range
TA
–40
25
85
ºC
Supply Voltage
VDD
2.97
3.3
3.63
V
2.25
2.5
2.75
V
1.62
1.8
1.98
V
Supply Current
IDD
fOUT = 622.08 MHz
Both CKOUTs enabled
LVPECL format output
251
279
mA
CKOUT2 disabled
217
243
mA
fOUT = 19.44 MHz
Both CKOUTs enabled
CMOS format output
204
234
mA
CKOUT2 disabled
194
220
mA
Tristate/Sleep Mode
TBD
TBD
mA
Input Clock Frequency
(CKIN1, CKIN2)
CKF
Input frequency and clock
multiplication ratio deter-
mined by programming
device PLL dividers. Consult
Silicon Laboratories configu-
ration software DSPLLsim at
www.silabs.com/timing to
determine PLL divider set-
tings for a given input fre-
quency/clock multiplication
ratio combination.
10
710
MHz
Output Clock Frequency
(CKOUT1, CKOUT2)
CKOF
10
970
1213
945
1134
1417
MHz
Input Clocks (CKIN1, CKIN2)
Differential Voltage Swing
CKNDPP
0.25
1.9
VPP
Common Mode Voltage
CKNVCM
1.8 V ±10%
0.9
1.4
V
2.5 V ±10%
1.0
1.7
V
3.3 V ±10%
1.1
1.95
V
Rise/Fall Time
CKNTRF
20–80%
11
ns
Duty Cycle
CKNDC
Whichever is less
40
60
%
50
ns
Output Clocks (CKOUT1, CKOUT2)
Common Mode
VOCM
LVPECL
100
Ω load
line-to-line
VDD –1.42
VDD –1.25
V
Differential Output Swing
VOD
1.1
1.9
V
Single Ended Output
Swing
VSE
0.5
0.93
V
Note: For a more comprehensive listing of device specifications, please consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual. This document can be downloaded from www.silabs.com/timing.


Similar Part No. - SI5325B-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5325 SILABS-Si5325 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
Si5325/26-EVB SILABS-Si5325/26-EVB Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5325/26-EVB SKYWORKS-SI5325/26-EVB Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Similar Description - SI5325B-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
   關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com