Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5023 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # SI5023
Description  MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5023 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button SI5023 Datasheet HTML 10Page - Silicon Laboratories SI5023 Datasheet HTML 11Page - Silicon Laboratories SI5023 Datasheet HTML 12Page - Silicon Laboratories SI5023 Datasheet HTML 13Page - Silicon Laboratories SI5023 Datasheet HTML 14Page - Silicon Laboratories SI5023 Datasheet HTML 15Page - Silicon Laboratories SI5023 Datasheet HTML 16Page - Silicon Laboratories SI5023 Datasheet HTML 17Page - Silicon Laboratories SI5023 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Si5023
14
Rev. 1.25
LOS signal hysteresis for the Si5023 CDR. The value of
R1 may be chosen to provide a range of hysteresis from
3 to 8 dB where a nominal value of 800
Ω adjusts the
hysteresis level to approximately 6 dB. Use a value of
500
Ω or 1000 Ω for R1 to provide 3 dB or 8 dB of
hysteresis, respectively.
Hysteresis is defined as the ratio of the LOS deassert
level (LOSD) and the LOS assert level (LOSA). The
hysteresis in decibels is calculated as 20log(LOSD/
LOSA).
Figure 6. LOS_LVL Mapping (PRBS23 Data)
Figure 7. LOS Signal Hysteresis
4.9. Bit Error Rate (BER) Detection
The Si5023 uses a proprietary Silicon Laboratories
algorithm to generate a BER alarm on the BER_ALM
pin and a BER indicator on the BERMON pin.
The BERMON output is always enabled and functions
as a dynamic analog level that is proportional to the
detected bit error rate. This BERMON indicator can be
used to monitor the quality and error status on the
receive data input channel. The range of operation of
the BER processor is between 1E-09 to 1E-03 as
shown in Figures 8, 9, and 10. It is recommended that
the BERMON output be filtered with an active low-pass
filter configuration as shown in Figure 11. The external
LPF may be followed by a voltage comparator or
analog-to-digital converter where constant channel
monitoring is desired.
4.10. Data Slicing Level
The Si5023 provides the ability to externally adjust the
slicing level for applications that require BER
optimization. Adjustments in slicing level of ±25 mV
(typical, relative to the internally-set input common
mode voltage) are supported. The slicing level is set by
applying a voltage between 0.75 V and 2.25 V to the
SLICE_LVL input. See Figures 12 and 13 for the
operation levels of the slice circuit.
When SLICE_LVL is driven below 500 mV, the slicing
level adjustment is disabled, and the slicing level is set
to the cross-point of the differential input signal.
Note: The slice circuit is designed to only work with pseudo-
random, dc-balanced data.
4.11. PLL Performance
The PLL implementation used in the Si5023 is fully-
compliant with the jitter specifications proposed for
SONET/SDH equipment by Bellcore GR-253-CORE,
Issue 3, September 2000 and ITU-T G.958.
4.11.1. Jitter Tolerance
The Si5023’s tolerance to input jitter exceeds that of the
Bellcore/ITU mask shown in Figure 14. This mask
defines the level of peak-to-peak sinusoidal jitter that
must be tolerated when applied to the differential data
input of the device.
Note: There are no entries in the mask table for the data rate
corresponding to OC-24 as that rate is not specified by
either GR-253 or G.958.
40mV/V
0 mV
0 V
LOS_LVL (V)
30 mV
2.25 V
1.50 V
1.00 V
15 mV
1.875 V
40 mV
2.50 V
LOS Limited by Device Noise
10 mV
max
9
3
LOS
LOS_LVL
R1
R2
10k
Si5023
CDR
LOS Alarm
Set LOS
Level


Similar Part No. - SI5023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5023 ETC1-SI5023 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
SI5023-BM ETC1-SI5023-BM Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
Si5023-BM SILABS-Si5023-BM Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5023-EVB SILABS-SI5023-EVB Datasheet
514Kb / 12P
   Simple jumper configuration
More results

Similar Description - SI5023

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com