Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3201-BS Datasheet(PDF) 24 Page - Silicon Laboratories

Part # SI3201-BS
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3201-BS Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button SI3201-BS Datasheet HTML 20Page - Silicon Laboratories SI3201-BS Datasheet HTML 21Page - Silicon Laboratories SI3201-BS Datasheet HTML 22Page - Silicon Laboratories SI3201-BS Datasheet HTML 23Page - Silicon Laboratories SI3201-BS Datasheet HTML 24Page - Silicon Laboratories SI3201-BS Datasheet HTML 25Page - Silicon Laboratories SI3201-BS Datasheet HTML 26Page - Silicon Laboratories SI3201-BS Datasheet HTML 27Page - Silicon Laboratories SI3201-BS Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
Si3215
24
Rev. 0.92
2.2.1. DC Feed Characteristics
The ProSLIC has programmable constant voltage and
constant current zones as depicted in Figure 14. Open
circuit TIP-to-RING voltage (VOC) defines the constant
voltage zone and is programmable from 0 V to 94.5 V in
1.5 V steps. The loop current limit (ILIM) defines the
constant current zone and is programmable from 20 mA
to 41 mA in 3 mA steps. The ProSLIC has an inherent
dc output resistance (RO) of 160 Ω.
Figure 14. Simplified DC Current/Voltage Linefeed
Characteristic
The TIP-to-RING voltage (VOC) is offset from ground by
a programmable voltage (VCM) to provide voltage
headroom to the positive-most terminal (TIP in forward
polarity states and RING in reverse polarity states) for
carrying audio signals. Table 20 summarizes the
parameters to be initialized before entering an active
state.
2.2.2. Linefeed Architecture
The ProSLIC is a low-voltage CMOS device that uses
either an Si3201 linefeed interface IC or low-cost
external components to control the high voltages
required for subscriber line interfaces. Figure 15 is a
simplified illustration of the linefeed control loop circuit
for TIP or RING and the external components used.
The ProSLIC uses both voltage and current sensing to
control TIP and RING. DC and AC line voltages on TIP
and RING are measured through sense resistors RDC
and RAC. The ProSLIC uses linefeed transistors QP and
QN to drive TIP and RING. QDN isolates the high-voltage
base of QN from the ProSLIC.
The ProSLIC measures voltage at various nodes in
order to monitor the linefeed current. RDC, RSE, and
RBAT provide access to these measuring points. The
sense circuitry is calibrated on-chip to guarantee
measurement
accuracy
with
standard
external
component
tolerances.
See
"2.2.9.
Linefeed
Calibration" on page 29 for details.
2.2.3. Linefeed Operation States
The ProSLIC linefeed has eight states of operation as
shown in Table 21. The state of operation is controlled
using the Linefeed Control register (direct Register 64).
The open state turns off all currents into the external
bipolar transistors and can be used in the presence of
fault conditions on the line and to generate Open Switch
Intervals (OSIs). TIP and RING are effectively tri-stated
with a dc output impedance of about 150 k
Ω. The
ProSLIC can also automatically enter the open state if it
detects excessive power being consumed in the
external
bipolar
transistors.
See
"2.2.5.
Power
Monitoring and Line Fault Detection" on page 27 for
more details.
In the forward active and reverse active states, linefeed
circuitry is on, and the audio signal paths are powered
down.
In the forward and reverse on-hook transmission states,
audio signal paths are powered up to provide data
transmission during an on-hook loop condition.
The TIP Open state turns off all control currents to the
external bipolar devices connected to TIP and provides
an active linefeed on RING for ground start operation.
The RING Open state provides similar operation with
the RING drivers off and TIP active.
The
ringing
state
drives
programmable
ringing
waveforms onto the line.
Table 20. Programmable Ranges of DC
Linefeed Characteristics
Parameter
Programmable
Range
Default
Value
Register
Bits
Location*
ILIM
20 to 41 mA
20 mA
ILIM[2:0]
Direct
Register 71
VOC
0 to 94.5 V
48 V
VOC[5:0]
Direct
Register 72
VCM
0 to 94.5 V
3 V
VCM[5:0]
Direct
Register 73
*Note: The ProSLIC uses registers that are both directly and
indirectly mapped. A “direct” register is one that is mapped
directly.
V
(TIP-RING) (V )
V
OC
Constant
Voltage
Zone
R
O=160
Constant Current
Zone
I
LIM
I
LOOP(m A )


Similar Part No. - SI3201-BS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3201-BS SILABS-SI3201-BS Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3201-BS SILABS-Si3201-BS Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Similar Description - SI3201-BS

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com