Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5013-X-GM Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI5013-X-GM
Description  OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5013-X-GM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI5013-X-GM Datasheet HTML 5Page - Silicon Laboratories SI5013-X-GM Datasheet HTML 6Page - Silicon Laboratories SI5013-X-GM Datasheet HTML 7Page - Silicon Laboratories SI5013-X-GM Datasheet HTML 8Page - Silicon Laboratories SI5013-X-GM Datasheet HTML 9Page - Silicon Laboratories SI5013-X-GM Datasheet HTML 10Page - Silicon Laboratories SI5013-X-GM Datasheet HTML 11Page - Silicon Laboratories SI5013-X-GM Datasheet HTML 12Page - Silicon Laboratories SI5013-X-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Si5013
Rev. 1.5
9
Table 4. AC Characteristics (PLL Characteristics)
(VDD = 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Jitter Tolerance
(OC-12 Mode)*
JTOL(PP)
f = 30 Hz
60
UIPP
f=300Hz
6
UIPP
f= 25 kHz
4
UIPP
f = 250 kHz
0.4
UIPP
Jitter Tolerance
(OC-3 Mode)*
JTOL(PP)
f = 30 Hz
60
UIPP
f=300Hz
6
UIPP
f=6.5 kHz
4
UIPP
f= 65 kHz
0.4
UIPP
RMS Jitter Generation*
JGEN(rms) with no jitter on serial data
2.3
4.0
mUI
Peak-to-Peak Jitter Generation*
JGEN(PP)
with no jitter on serial data
20
45
mUI
Jitter Transfer Bandwidth*
JBW
OC-12 Mode
500
kHz
OC-3 Mode
130
kHz
Jitter Transfer Peaking*
JP
—0.03
0.1
dB
Acquisition Time—OC-12
(Reference clock applied)
TAQ
After falling edge of
PWRDN/CAL
—1.5
2
ms
From the return of valid
data
—60
µs
Acquisition Time—OC-12
(Reference-less operation)
TAQ
After falling edge of
PWRDN/CAL
—4.0
12
ms
From the return of valid
data
—13
ms
Reference Clock Range
See "4.4.Operation With-
out an External Refer-
ence" on page 12.
155.5
77.76
19.44
MHz
Input Reference Clock Frequency
Tolerance
CTOL
–500
500
ppm
Frequency Difference at which
Receive PLL goes out of Lock
(REFCLK compared to the divided
down VCO clock)
—±650
ppm
*Note: As defined in Bellcore specifications: GR-253-CORE, Issue 3, September 2000. Using PRBS 223 – 1 data pattern.


Similar Part No. - SI5013-X-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5013-X-GM ETC1-SI5013-X-GM Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Similar Description - SI5013-X-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT94L55 EXAR-XRT94L55 Datasheet
53Kb / 2P
   SONET/SDH OC-48/STM-16, 4XOC-12/STM-4, 16XOC-3/STM-1 FRAMER/CONCENTRATOR WITH INTEGRATED CDR?셎
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
   SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com