Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5010-GM Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI5010-GM
Description  OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5010-GM Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI5010-GM Datasheet HTML 2Page - Silicon Laboratories SI5010-GM Datasheet HTML 3Page - Silicon Laboratories SI5010-GM Datasheet HTML 4Page - Silicon Laboratories SI5010-GM Datasheet HTML 5Page - Silicon Laboratories SI5010-GM Datasheet HTML 6Page - Silicon Laboratories SI5010-GM Datasheet HTML 7Page - Silicon Laboratories SI5010-GM Datasheet HTML 8Page - Silicon Laboratories SI5010-GM Datasheet HTML 9Page - Silicon Laboratories SI5010-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si5010
6
Rev. 1.3
Table 2. DC Characteristics
(VDD =2.5 V ±5%, TA = –40°C to 85°C)
Parameter
Symbol Test Condition
Min
Typ
Max
Unit
Supply Current
OC-12
OC-3
IDD
117
124
131
138
mA
Power Dissipation
OC-12
OC-3
PD
293
310
344
362
mW
Common Mode Input Voltage (DIN, REFCLK)
VICM
varies with VDD
—.80 x VDD
—V
Single Ended Input Voltage (DIN, REFCLK)
VIS
See Figure 1
200
750
mVPP
Differential Input Voltage Swing*
(DIN, REFCLK)
VID
See Figure 1
200
1500
mVPP
Input Impedance (DIN, REFCLK)
RIN
Line-to-Line
84
100
116
Differential Output Voltage Swing
(DOUT)
VOD
100
Ω Load
Line-to-Line
780
970
1260
mVPP
Differential Output Voltage Swing
(CLKOUT)
VOD
100
Ω Load
Line-to-Line
780
970
1260
mVPP
Output Common Mode Voltage
(DOUT,CLKOUT)
VOCM
100
Ω Load
Line-to-Line
—VDD
0.23
—V
Output Impedance (DOUT,CLKOUT)
ROUT
Single-ended
84
100
116
Output Short to GND (DOUT,CLKOUT)
ISC(–)
—2531
mA
Output Short to VDD (DOUT,CLKOUT)
ISC(+)
–17.5
–14.5
mA
Input Voltage Low (LVTTL Inputs)
VIL
——
.8
V
Input Voltage High (LVTTL Inputs)
VIH
2.0
V
Input Low Current (LVTTL Inputs)
IIL
——
10
µA
Input High Current (LVTTL Inputs)
IIH
——
10
µA
Output Voltage Low (LVTTL Outputs)
VOL
IO =2mA
0.4
V
Output Voltage High (LVTTL Outputs)
VOH
IO =2mA
2.0
V
Input Impedance (LVTTL Inputs)
RIN
10
k
PWRDN/CAL Leakage Current
IPWRDN VPWRDN ≥ 0.8 V
15
25
35
µA
*Note: The DIN and REFCLK inputs may be driven differentially or single-endedly. When driving single-endedly, the voltage
swing of the signal applied to the active input must exceed the specified minimum differential input voltage swing (VID
min) and the unused input must be ac-coupled to ground. When driving differentially, the difference between the positive
and negative input signals must exceed VID min. (Each individual input signal needs to swing only half of this range.) In
either case, the voltage applied to any individual pin (DIN+, DIN–, REFCLK+, or REFCLK–) must not exceed the
specified maximum Input Voltage Range (VIS max).


Similar Part No. - SI5010-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5010-BM ETC-SI5010-BM Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010-EVB SILABS-SI5010-EVB Datasheet
1Mb / 11P
   Simple jumper configuration
More results

Similar Description - SI5010-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
   OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
   OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
logo
Silicon Laboratories
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
   SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com