Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3201-GS Datasheet(PDF) 34 Page - Silicon Laboratories

Part # SI3201-GS
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3201-GS Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button SI3201-GS Datasheet HTML 30Page - Silicon Laboratories SI3201-GS Datasheet HTML 31Page - Silicon Laboratories SI3201-GS Datasheet HTML 32Page - Silicon Laboratories SI3201-GS Datasheet HTML 33Page - Silicon Laboratories SI3201-GS Datasheet HTML 34Page - Silicon Laboratories SI3201-GS Datasheet HTML 35Page - Silicon Laboratories SI3201-GS Datasheet HTML 36Page - Silicon Laboratories SI3201-GS Datasheet HTML 37Page - Silicon Laboratories SI3201-GS Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
Si3215
34
Rev. 0.92
counting until the inactive timer expires. The cadence
continues until the user clears the O1TAE and O1TIE
control bits. The zero crossing detect feature can be
implemented by setting the OZ1 bit (direct Register 32,
bit 5). This ensures that each oscillator pulse ends
without a dc component. The timing diagram in
Figure 19 is an example of an output cadence using the
zero crossing feature.
One-shot oscillation can be achieved by enabling O1E
and O1TAE. Direct control over the cadence can be
achieved by controlling the O1E bit (direct Register 32,
bit 2) directly if O1TAE and O1TIE are disabled.
The operation of tone generator 2 is identical to that of
tone generator 1 using its respective control registers.
Note: Tone Generator 2 should not be enabled simulta-
neously with the ringing oscillator due to resource shar-
ing within the hardware.
Continuous-phase
frequency-shift
keying
(FSK)
waveforms may be created using tone generator 1 (not
available on tone generator 2) by setting the REL bit
(direct Register 32, bit 6), which enables reloading of
the OSC1, OSC1X, and OSC1Y registers at the
expiration of the active timer (OAT1).
Table 27. Associated Tone Generator Registers
Tone Generator 1
Parameter
Description / Range
Register Bits
Location
Oscillator 1 Frequency Coefficient
Sets oscillator frequency
OSC1[15:0]
Indirect Register 0
Oscillator 1 Amplitude Coefficient
Sets oscillator amplitude
OSC1X[15:0]
Indirect Register 1
Oscillator 1 initial phase coefficient
Sets initial phase
OSC1Y[15:0]
Indirect Register 2
Oscillator 1 Active Timer
0 to 8 seconds
OAT1[15:0]
Direct Registers 36 & 37
Oscillator 1 Inactive Timer
0 to 8 seconds
OIT1[15:0]
Direct Register 38 & 39
Oscillator 1 Control
Status and control
registers
OSS1, REL, OZ1,
O1TAE, O1TIE,
O1E, O1SO[1:0]
Direct Register 32
Tone Generator 2
Parameter
Description/Range
Register
Location
Oscillator 2 Frequency Coefficient
Sets oscillator frequency
OSC2[15:0]
Indirect Register 3
Oscillator 2 Amplitude Coefficient
Sets oscillator amplitude
OSC2X[15:0]
Indirect Register 4
Oscillator 2 initial phase coefficient
Sets initial phase
OSC2Y[15:0]
Indirect Register 5
Oscillator 2 Active Timer
0 to 8 seconds
OAT2[15:0]
Direct Registers 40 & 41
Oscillator 2 Inactive Timer
0 to 8 seconds
OIT2[15:0]
Direct Register 42 & 43
Oscillator 2 Control
Status and control
registers
OSS2, OZ2,
O2TAE, O2TIE,
O2E, O2SO[1:0]
Direct Register 33


Similar Part No. - SI3201-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3201-GS SILABS-SI3201-GS Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3201-GS SILABS-Si3201-GS Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3201-GS SILABS-SI3201-GS Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

Similar Description - SI3201-GS

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com