Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3201-GS Datasheet(PDF) 97 Page - Silicon Laboratories

Part # SI3201-GS
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3201-GS Datasheet(HTML) 97 Page - Silicon Laboratories

Back Button SI3201-GS Datasheet HTML 93Page - Silicon Laboratories SI3201-GS Datasheet HTML 94Page - Silicon Laboratories SI3201-GS Datasheet HTML 95Page - Silicon Laboratories SI3201-GS Datasheet HTML 96Page - Silicon Laboratories SI3201-GS Datasheet HTML 97Page - Silicon Laboratories SI3201-GS Datasheet HTML 98Page - Silicon Laboratories SI3201-GS Datasheet HTML 99Page - Silicon Laboratories SI3201-GS Datasheet HTML 100Page - Silicon Laboratories SI3201-GS Datasheet HTML 101Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
Si3215
Rev. 0.92
97
Reset settings = 0001_0000
Reset settings = 0001_0000
Reset settings = 0001_0001
Register 98. RING Gain Mismatch Calibration Result
Bit
D7D6D5D4D3D2
D1
D0
Name
CALGMR[4:0]
Type
R/W
Bit
Name
Function
7:5
Reserved
Read returns zero.
4:0
CALGMR[4:0]
Gain Mismatch of IE Tracking Loop for RING Current.
Register 99. TIP Gain Mismatch Calibration Result
Bit
D7D6D5D4D3D2
D1
D0
Name
CALGMT[4:0]
Type
R/W
Bit
Name
Function
7:5
Reserved
Read returns zero.
4:0
CALGMT[4:0]
Gain Mismatch of IE Tracking Loop for TIP Current.
Register 100. Differential Loop Current Gain Calibration Result
Bit
D7D6D5D4D3D2
D1
D0
Name
CALGD[4:0]
Type
R/W
Bit
Name
Function
7:5
Reserved
Read returns zero.
4:0
CALGD[4:0]
Differential DAC Gain Calibration Result.


Similar Part No. - SI3201-GS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3201-GS SILABS-SI3201-GS Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3201-GS SILABS-Si3201-GS Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3201-GS SILABS-SI3201-GS Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

Similar Description - SI3201-GS

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com